Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1642B-18I/MS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1642B-18I/MS
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642B-18I/MS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1642B-18I/MS Datasheet HTML 5Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 6Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 7Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 8Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 9Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 10Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 11Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 12Page - Microchip Technology MCP1642B-18I/MS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 9
MCP1642B/D
Note: Unless otherwise indicated, VIN =EN= 1.2V, COUT =CIN =10µF, L = 4.7µH, VOUT =3.3V, ILOAD =15mA,
TA = +25°C (MCP1642B/D-ADJ, MSOP-8 package).
FIGURE 2-13:
Average of No Load Input
Current vs. VIN.
FIGURE 2-14:
N-Channel and P-Channel
RDSON vs. > of VIN or VOUT.
FIGURE 2-15:
MCP1642B/D 3.3V VOUT
Light Load PWM Mode Waveforms.
FIGURE 2-16:
MCP1642B/D High Load
PWM Mode Waveforms.
FIGURE 2-17:
3.3V Start-Up After Enable.
FIGURE 2-18:
3.3V Start-Up When
VIN =VENABLE.
0.1
1
10
100
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
V
IN (V)
V
OUT = 2.0V
V
OUT = 3.3V
V
OUT = 5.0V
0
0.05
0.1
0.15
0.2
0.25
0
0.5
1
1.5
2
2.5
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
> V
IN or VOUT
P - Channel
N - Channel
IOUT =1 mA
1µs/div
VOUT
20 mV/div
AC coupled
IL
VSW
1V/div
100 mA/div
IOUT =100 mA
VSW
IL
1µs/div
VOUT
20 mV/div
AC coupled
2V/div
200 mA/div
IOUT =15 mA
VOUT
1V/div
VEN
1V/div
200 µs/div
VIN
1V/div
IL
200 mA/div
2V/div
VOUT
200 µs/div
1V/div
VIN
I
= 15 mA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com