Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79402-I/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP79402-I/SN
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP79402-I/SN Datasheet HTML 17Page - Microchip Technology MCP79402-I/SN Datasheet HTML 18Page - Microchip Technology MCP79402-I/SN Datasheet HTML 19Page - Microchip Technology MCP79402-I/SN Datasheet HTML 20Page - Microchip Technology MCP79402-I/SN Datasheet HTML 21Page - Microchip Technology MCP79402-I/SN Datasheet HTML 22Page - Microchip Technology MCP79402-I/SN Datasheet HTML 23Page - Microchip Technology MCP79402-I/SN Datasheet HTML 24Page - Microchip Technology MCP79402-I/SN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
 2011-2016 Microchip Technology Inc.
DS20005009F-page 21
MCP79400/MCP79401/MCP79402
5.4.1
CONFIGURING THE ALARM
In order to configure the alarm modules, the following
steps need to be performed:
1.
Load the timekeeping registers and enable the
oscillator
2.
Configure the ALMxMSK<2:0> bits to select the
desired alarm mask
3.
Set or clear the ALMPOL bit according to the
desired output polarity
4.
Ensure the ALMxIF flag is cleared
5.
Based on the selected alarm mask, load the
alarm match value into the appropriate
register(s)
6.
Enable the alarm module by setting the
ALMxEN bit
REGISTER 5-8:
ALMxSEC: ALARM0/1 SECONDS VALUE REGISTER (ADDRESSES 0x0A/0x11)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
SECTEN<2:0>:
Binary-Coded Decimal Value of Second’s Tens Digit
Contains a value from 0 to 5
bit 3-0
SECONE<3:0>:
Binary-Coded Decimal Value of Second’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-9:
ALMxMIN: ALARM0/1 MINUTES VALUE REGISTER (ADDRESSES 0x0B/0x12)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
MINTEN<2:0>:
Binary-Coded Decimal Value of Minute’s Tens Digit
Contains a value from 0 to 5
bit 3-0
MINONE<3:0>:
Binary-Coded Decimal Value of Minute’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com