Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1642D-18I/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1642D-18I/MS
Description  1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1642D-18I/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1642D-18I/MS Datasheet HTML 17Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 18Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 19Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 20Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 21Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 22Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 23Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 24Page - Microchip Technology MCP1642D-18I/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005253A-page 21
MCP1642B/D
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead DFN (2x3x0.9 mm)
Example
Part Number
Code
MCP1642B-18I/MC
AJY
MCP1642BT-18I/MC
AJY
MCP1642B-30I/MC
AJU
MCP1642BT-30I/MC
AJU
MCP1642B-33I/MC
AJQ
MCP1642BT-33I/MC
AJQ
MCP1642B-50I/MC
AJL
MCP1642BT-50I/MC
AJL
MCP1642B-ADJI/MC
AKC
MCP1642BT-ADJI/MC
AKC
MCP1642D-18I/MC
AKA
MCP1642DT-18I/MC
AKA
MCP1642D-30I/MC
AJW
MCP1642DT-30I/MC
AJW
MCP1642D-33I/MC
AJS
MCP1642DT-33I/MC
AJS
MCP1642D-50I/MC
AJN
MCP1642DT-50I/MC
AJN
MCP1642D-ADJI/MC
AKE
MCP1642DT-ADJI/MC
AKE
AJY
348
25
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead MSOP (3x3 mm)
Example
42B50I
348256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com