Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN8740A Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 26Page - Microchip Technology LAN8740A Datasheet HTML 27Page - Microchip Technology LAN8740A Datasheet HTML 28Page - Microchip Technology LAN8740A Datasheet HTML 29Page - Microchip Technology LAN8740A Datasheet HTML 30Page - Microchip Technology LAN8740A Datasheet HTML 31Page - Microchip Technology LAN8740A Datasheet HTML 32Page - Microchip Technology LAN8740A Datasheet HTML 33Page - Microchip Technology LAN8740A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 30
2013-2015 Microchip Technology Inc.
3.6
Interrupt Management
The device management interface supports an interrupt capability that is not a part of the IEEE 802.3 specification. This
interrupt capability generates an active low asynchronous interrupt signal on the nINT output whenever certain events
are detected as setup by the Interrupt Mask Register.
The nINT signal can be selected to output on three different pins:
• nINT/TXER/TXD4
(See Section 3.7.5, "nINTSEL: nINT/TXER/TXD4 Configuration" for configuration information)
• LED1
(See Section 3.8.1, "LEDs" for configuration information)
• LED2
(See Section 3.8.1, "LEDs" for configuration information)
The device’s interrupt system provides two modes, a Primary interrupt mode and an Alternative interrupt mode. Both
systems will assert the nINT pin low when the corresponding mask bit is set. These modes differ only in how they de-
assert the nINT interrupt output. These modes are detailed in the following subsections.
Note:
The Primary interrupt mode is the default interrupt mode after a power-up or hard reset. The Alternative
interrupt mode requires setup after a power-up or hard reset.
Note:
In addition to the main interrupts described in this section, an nPME pin is provided exclusively for WoL
specific interrupts. Refer to Section 3.8.4, "Wake on LAN (WoL)" for additional information on nPME.
Note:
Due to the multiplexing of nINT and TXER on the same pin, when EEE and WoL are both enabled, nINT
and/or nPME must be multiplexed on LED1 and/or LED2. Refer to Section 3.8.1, "LEDs" and Section 3.8.4,
"Wake on LAN (WoL)" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com