Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3352 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3352
Description  Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3352 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3352 Datasheet HTML 1Page - National Semiconductor (TI) LM3352 Datasheet HTML 2Page - National Semiconductor (TI) LM3352 Datasheet HTML 3Page - National Semiconductor (TI) LM3352 Datasheet HTML 4Page - National Semiconductor (TI) LM3352 Datasheet HTML 5Page - National Semiconductor (TI) LM3352 Datasheet HTML 6Page - National Semiconductor (TI) LM3352 Datasheet HTML 7Page - National Semiconductor (TI) LM3352 Datasheet HTML 8Page - National Semiconductor (TI) LM3352 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
OUT Pin
−0.5V to 4.5V
All Other Pins
−0.5V to 5.6V
Power Dissipation (T
A = 25˚C)
(Note 2)
700 mW
T
JMAX (Note 2)
150˚C
θ
JA (Note 2)
150˚C/W
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
human body model
machine model
2kV
100V
Operating Ratings
Input Voltage (V
IN )
2.5V to 5.5V
Output Voltage (V
OUT )
1.8V to 4.0V
Ambient Temperature (T
A ) (Note 2)
−40˚C to +85˚C
Junction Temperature (T
J) (Note 2)
−40˚C to +125˚C
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Unless
otherwise specified: C
1 = C2 = C3 = 0.33 µF; CIN = 15 µF; COUT = 33 µF; VIN = 3.5V.
Parameter
Conditions
Min
Typ
Max
Units
LM3352-2.5
Output Voltage (V
OUT)VIN = 3.5V; I LOAD = 100 mA
2.463
2.5
2.537
V
2.8V < V
IN < 5.5V;
1mA < I
LOAD < 100 mA
2.425/2.400
2.5
2.575/2.600
3.6V < V
IN < 4.9V;
1mA < I
LOAD < 200 mA
2.425/2.400
2.5
2.575/2.600
4.9V < V
IN < 5.5V;
1mA < I
LOAD < 175 mA
2.425/2.400
2.5
2.575/2.600
Efficiency
I
LOAD =15mA
85
%
I
LOAD = 150 mA, VIN = 4.0V
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 33 µF tantalum
75
mV
P-P
LM3352-3.0
Output Voltage (V
OUT)VIN = 3.5V; I LOAD = 100 mA
2.955
3.0
3.045
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 100 mA
2.910/2.880
3.0
3.090/3.120
3.8V < V
IN < 5.5V;
1mA < I
LOAD < 200 mA
2.910/2.880
3.0
3.090/3.120
Efficiency
I
LOAD =15mA
80
%
I
LOAD = 150 mA, VIN = 4.0V
75
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 33 µF tantalum
75
mV
P-P
LM3352-3.3
Output Voltage (V
OUT)VIN = 3.5V; I LOAD = 100 mA
3.251
3.3
3.349
V
2.5V < V
IN < 5.5V;
1mA < I
LOAD < 100 mA
3.201/3.168
3.3
3.399/3.432
4.0V < V
IN < 5.5V;
1mA < I
LOAD < 200 mA
3.201/3.168
3.3
3.399/3.432
Efficiency
I
LOAD =15mA
90
%
I
LOAD = 150 mA, VIN = 4.0V
80
Output Voltage Ripple
(Peak-to-Peak)
I
LOAD =50mA
C
OUT = 33 µF tantalum
75
mV
P-P
LM3352-ALL OUTPUT VOLTAGE VERSIONS
Operating Quiescent Current
Measured at Pin V
IN;
I
LOAD = 0A (Note 4)
400
500
µA
Shutdown Quiescent Current
SD Pin at 0V (Note 5)
2.5
5
µA
Switching Frequency
0.65
1
1.35
MHz
SD Input Threshold Low
2.5V < V
IN < 5.5V
0.2 V
IN
V
SD Input Threshold High
2.5V < V
IN < 5.5V
0.8 V
IN
V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com