Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F413RH Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F413RH
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 86Page - STMicroelectronics STM32F413RH Datasheet HTML 87Page - STMicroelectronics STM32F413RH Datasheet HTML 88Page - STMicroelectronics STM32F413RH Datasheet HTML 89Page - STMicroelectronics STM32F413RH Datasheet HTML 90Page - STMicroelectronics STM32F413RH Datasheet HTML 91Page - STMicroelectronics STM32F413RH Datasheet HTML 92Page - STMicroelectronics STM32F413RH Datasheet HTML 93Page - STMicroelectronics STM32F413RH Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 207 page
background image
Electrical characteristics
STM32F413xG/H
90/207
DocID029162 Rev 2
Table 25. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply current
in Run mode
External clock,
PLL ON(2),
all peripherals enabled(3)
100
30.7
32.85(4) 33.30
35.37
39.08
mA
84
24.7
26.48
27.15
28.94
32.65
64
17.2
18.36
19.14
20.88
24.29
50
13.6
14.54
15.45
17.27
20.58
25
7.4
7.97
9.23
11.05
14.42
20
6.4
6.99
8.18
10.03
13.32
HSI, PLL OFF, all
peripherals enabled(3)
16
4.5
5.04
6.32
8.23
11.50
1
1.0
1.50
2.89
4.59
8.01
External clock, PLL ON(2)
all peripherals disabled(3)
100
13.1
14.36
15.33
17.25
20.98
84
10.7
11.67
12.73
14.56
18.21
64
7.5
8.23
9.40
11.13
14.52
50
6.1
6.74
7.89
9.61
12.98
25
3.5
4.19
5.37
7.08
10.48
20
3.2
3.71
5.02
6.72
10.15
HSI, PLL OFF, all
peripherals disabled(3)
16
2.1
2.67
3.95
5.84
9.10
1
0.8
1.35
2.72
4.43
7.87
1. Based on characterization, not tested in production unless otherwise specified.
2. Refer to Table 46 and RM0383 for the possible PLL VCO setting
3. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
4. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com