Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F413CGU6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F413CGU6
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F413CGU6 Datasheet HTML 1Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 2Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 3Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 4Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 5Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 6Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 7Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 8Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 207 page
background image
This is information on a product in full production.
October 2016
DocID029162 Rev 2
1/207
STM32F413xG STM32F413xH
ARM®-Cortex®-M4 32b MCU+FPU, 125 DMIPS, up to 1.5MB Flash,
320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
Datasheet
- production data
Features
• Dynamic Efficiency Line with eBAM (enhanced
Batch Acquisition Mode)
– 1.7 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU,
Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
from Flash memory, frequency up to 100 MHz,
memory protection unit, 125 DMIPS/
1.25 DMIPS/MHz (Dhrystone 2.1), and DSP
instructions
• Memories
– Up to 1.5 Mbytes of Flash memory
– 320 Kbytes of SRAM
– Flexible external static memory controller
with up to 16-bit data bus: SRAM, PSRAM,
NOR Flash memory
– Dual mode Quad-SPI interface
• LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
– 1.7 to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Power consumption
– Run: 112 µA/MHz (peripheral off)
– Stop (Flash in Stop mode, fast wakeup
time): 42 µA Typ.; 80 µA max @25 °C
– Stop (Flash in Deep power down mode,
slow wakeup time): 15 µA Typ.;
46 µA max @25 °C
– Standby without RTC: 1.1 µA Typ.;
14.7 µA max at @85 °C
–
VBAT supply for RTC: 1 µA @25 °C
• 2x12-bit D/A converters
• 1×12-bit, 2.4 MSPS ADC: up to 16 channels
• 6x digital filters for sigma delta modulator,
12x PDM interfaces, with stereo microphone
and sound source localization support
• General-purpose DMA: 16-stream DMA
• Up to 18 timers: up to twelve 16-bit timers, two
32-bit timers up to 100 MHz each with up to
four IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input, two
watchdog timers (independent and window),
one SysTick timer, and a low-power timer
• Debug mode
– Serial wire debug (SWD) & JTAG
–Cortex®-M4 Embedded Trace Macrocell™
• Up to 114 I/O ports with interrupt capability
– Up to 109 fast I/Os up to 100 MHz
– Up to 114 five V-tolerant I/Os
• Up to 24 communication interfaces
– Up to 4x I2C interfaces (SMBus/PMBus)
– Up to 10 UARTS: 4 USARTs / 6 UARTs
(2 x 12.5 Mbit/s, 2 x 6.25 Mbit/s), ISO 7816
interface, LIN, IrDA, modem control)
– Up to 5 SPI/I2Ss (up to 50 Mbit/s, SPI or
I2S audio protocol), out of which 2 muxed
full-duplex I2S interfaces
– SDIO interface (SD/MMC/eMMC)
– Advanced connectivity: USB 2.0 full-speed
device/host/OTG controller with PHY
– 3x CAN (2.0B Active)
– 1xSAI
• True random number generator
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar
• All packages are ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F413xH
STM32F413CH STM32F413MH STM32F413RH
STM32F413VH STM32F413ZH
STM32F413xG
STM32F413CG STM32F413MG STM32F413RG
STM32F413VG STM32F413ZG
UFQFPN48
(7x7 mm)
UFBGA100
(7x7mm)
UFBGA144
(10x10mm)
LQFP100 (14x14mm)
LQFP144 (20x20mm)
LQFP64 (10x10mm)
WLCSP81
(4.039x3.951 mm)
www.st.com


Similar Part No. - STM32F413CGU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F413 STMICROELECTRONICS-STM32F413 Datasheet
3Mb / 26P
STM32 development boards
STM32F413RH STMICROELECTRONICS-STM32F413RH Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results

Similar Description - STM32F413CGU6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405XX STMICROELECTRONICS-STM32F405XX_13 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
04-Jun-2013
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F407ZET6 STMICROELECTRONICS-STM32F407ZET6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F401XB STMICROELECTRONICS-STM32F401XB Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F412XE STMICROELECTRONICS-STM32F412XE Datasheet
2Mb / 193P
ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
27-May-2016
STM32F446XC STMICROELECTRONICS-STM32F446XC Datasheet
2Mb / 202P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
02-Sep-2016
STM32F411XC STMICROELECTRONICS-STM32F411XC Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com