Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN9217 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9217
Description  16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9217 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9217 Datasheet HTML 35Page - SMSC Corporation LAN9217 Datasheet HTML 36Page - SMSC Corporation LAN9217 Datasheet HTML 37Page - SMSC Corporation LAN9217 Datasheet HTML 38Page - SMSC Corporation LAN9217 Datasheet HTML 39Page - SMSC Corporation LAN9217 Datasheet HTML 40Page - SMSC Corporation LAN9217 Datasheet HTML 41Page - SMSC Corporation LAN9217 Datasheet HTML 42Page - SMSC Corporation LAN9217 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9217
39
Revision 2.9 (03-01-12)
DATASHEET
Note 3.10 The PME interrupt status bit on the INT_STS register (PME_INT) is set regardless of the
setting of PME_EN.
A write to the BYTE_TEST register, regardless of whether a carrier was detected, will return the
LAN9217 to the D0 state and will reset the PM_MODE field to the D0 state. As noted above, the host
is required to check the READY bit and verify that it is set before attempting any other reads or writes
of the device. Before the LAN9217 is fully awake from this state the EDPWRDOWN bit in register 17
of the PHY must be cleared in order to wake the PHY. Do not attempt to clear the EDPWRDOWN bit
until the READY bit is set. After clearing the EDPWRDOWN bit the LAN9217 is ready to resume
normal operation. At this time the WUPS field can be cleared.
Table 3.9 Power Management States
Device
BLOCK
D0
(NORMAL OPERATION)
D1
(WOL)
D2
(ENERGY DETECT)
PHY
Full ON
Full ON
Energy Detect Power-Down
MAC Power
Management
Full ON
RX Power Mgmt. Block
On
OFF
MAC and Host
Interface
Full ON
OFF
OFF
Internal Clock
Full ON
Full ON
OFF
KEY
CLOCK ON
BLOCK DISABLED – CLOCK ON
FULL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com