Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BT152X Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT152X
Description  Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT152X Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT152X Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
BT152X
APPLICATIONS
·
It is suitable to fit all modes of control found in applications
such as over voltage crowbar protection,motor control circuits
in power tools and kitchen aids,in-rush current limiting circuits,
capacitive discharge ignition, voltage regulation circuits etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM/VR
RM
Repetitive peak off-state voltage
-400R
400
V
-600R
650
V
-800R
800
V
IT(AV)
Average on-stage current
13
A
IT(RMS)
RMS on-state current
20
A
ITSM
Surge non-repetitive on-state current
TP=10ms
200
A
PG(AV)
Average gate power dissipation
over any 20 ms period
0.5
W
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,RGK= 220Ω,
Tj=25℃
5
μ
A
Tj=125℃
1
mA
IDRM
Repetitive peak off-state current
VDM=VDRM, ,RGK= 220Ω
Tj=25℃
5
μ
A
Tj=125℃
1
mA
VTM
On-state voltage
ITM= 40A
1.75
V
IGT
Gate-trigger current
VD = 12 V; IT = 0.1 A
32
mA
VGT
Gate-trigger voltage
VD = 12 V; IT = 0.1 A
1.5
V
Rth(j-c)
Thermal resistance
Junction to case
1.3
℃
/W


Similar Part No. - BT152X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152X PHILIPS-BT152X Datasheet
47Kb / 6P
Thyristors
October 1997 Rev 1.100
BT152X-400R PHILIPS-BT152X-400R Datasheet
47Kb / 6P
Thyristors
October 1997 Rev 1.100
logo
WeEn Semiconductors
BT152X-400R WEEN-BT152X-400R Datasheet
254Kb / 12P
SCR
logo
NXP Semiconductors
BT152X-600R PHILIPS-BT152X-600R Datasheet
47Kb / 6P
Thyristors
October 1997 Rev 1.100
logo
Inchange Semiconductor ...
BT152X-600R ISC-BT152X-600R Datasheet
168Kb / 1P
isc Thyristors
More results

Similar Description - BT152X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com