Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX90217 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90217
Description  Hall-Effect Geartooth Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90217 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90217 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90217 Datasheet HTML 9Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3901090217
Rev.010
Page 2
Mar/12
MLX90217
Hall-Effect Geartooth Sensor
Functional Diagram
Hall
Plate
Amplifier
Description
The MLX90217 is a self adjusting digital output
rotary position gear tooth sensor designed for use
in automotive camshaft sensing as well as other
speed sensing applications. It is designed to be
used with a bias magnet south facing the back
(non-marked) side of the IC. The device has an
open collector output which is short circuit
protected.
Voltage
Regulator
Logic
Protected
Output
The MLX90217 is a sophisticated IC featuring an
on-chip 10-bit A/D Converter and logic that acts
as a digital sample and hold circuit. A separate 4-
bit A/D converter provides a fixed hysteresis. The
90217 does not have a chopper delay. The 90217
uses a single Hall plate which is immune to rotary
alignment problems. The bias magnet can be
from 50 to 400mT.
1
2
3
Pin 1 - VDD (Supply)
Pin 2 - VSS (Ground)
Pin 3 - Output
Note:
Static
sensitive
device,
please
observe
ESD
precautions.
As the signal is sampled, the logic recognizes an
increasing or decreasing flux density. The output
will turn on (BOP) after the flux has reached its
peak and decreased by an amount equal to the
hysteresis. Similarly the output will turn off (BRP)
after the flux has reached its minimum value and
increased by an amount equal to the hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com