Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLX75303SXD Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX75303SXD
Description  Optical Switch SensorEyeC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75303SXD Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX75303SXD Datasheet HTML 1Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 2Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 3Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75303SXD Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX75303
Optical Switch SensorEyeC
390107530301
Page 5 of 12
Data Sheet
Rev. 001
Feb/09
5
MLX75303 Specifications
All voltages are referenced to Vss.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test
1
Vdd
Supply Voltage
3
5.5
V
V
Idd
Static Power Supply Current
At Vdd=5.5V,
unloaded output
2.5
mA
V
Eeon
Irradiance for Threshold “on”
Vdd=5V, λ=850nm,
Tamb=25˚C
-20%
105
+20%
µW/cm
2
V
Eeoff/Eeon
Hysteresis
Vdd=5V, λ=850nm,
Tamb=-40 .. 85˚C
Tamb=85 ..125˚C
60
60
80
90
%
%
V
V
TC
Temperature Coefficient of thresh-
old “on”
Vdd=5V, λ=850nm
-0.44
%/K
X
Eemax
Maximum Irradiance
Vdd=5V, λ=850nm,
Tamb=25˚C
15x
Eeon_max
1000x
Eeon_max
µW/cm
2
µW/cm
2
V
X
λ0.3
Spectral Bandwidth
Tamb=25˚C
500
1000
nm
X
VOL
Output voltage low
Vdd=5.5V, Ee>Eon,
IOL=16mA
0
0.4
V
V
VOH
Output voltage high
Vdd=5.5V, Ee=0
Vdd+0.3
V
X
IOH
High level output current
Vdd=5.5V, Ee=0
0
1
µA
V
tsetup
Electrical setup-time
RL=1kOhm, CL=2nF,
λ= 850nm
0
24
µs
V
Spd
Area of photodiode
0.36
mm
2
D
tf
Fall time
(a), Ee=Eeon_max
0
300
ns
X
ton
Turn-on time
(a), Ee=Eeon_max
0
10
20
µs
V
toff
Turn-off time
(a), Ee=30x Eeon_max
0
10
20
µs
V
tp
Light pulse duration
(a)
20
µs
V
tG
Light pulse rejection
(a)
2
µs
X
TA
Operating Temperature Range
Temperature Code S
Temperature Code E
Temperature Code K
-20
-40
-40
85
85
125
°C
°C
°C
V
V
V
(a) Vdd=5V, RL=1kOhm, CL=2nF, λ= 850nm
1 The column Test indicates if the specific parameter is tested in production. Following symbols are used:
V: the specific parameter is tested in production
X: the specific parameter is verified in characterisation, but is not tested in production (e.g. timings and capacitances)
D: the specific parameter is guaranteed by design and is not tested as such in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com