Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74FST6800 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST6800
Description  10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST6800 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST6800_15 Datasheet HTML 1Page - Integrated Device Technology IDT74FST6800_15 Datasheet HTML 2Page - Integrated Device Technology IDT74FST6800_15 Datasheet HTML 3Page - Integrated Device Technology IDT74FST6800_15 Datasheet HTML 4Page - Integrated Device Technology IDT74FST6800_15 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74FST6800
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2015 Integrated Device Technology, Inc.
DSC-5519/5
FEATURES:
• Bus switches provide zero delay paths
• Low switch on-resistance: 7
Ω
Ω
Ω
Ω
Ω
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Available in QSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
QSOP / TSSOP
TOP VIEW
PIN CONFIGURATION
IDT74FST6800
10-BIT BUS SWITCH
WITH PRECHARGED
OUTPUTS
DESCRIPTION:
TheFST6800belongstoIDT'sfamilyofBusswitches. Busswitchdevices
perform the function of connecting or isolating two ports without providing
any inherent current sink or source capability. Thus they generate little or
no noise of their own while providing a low resistance path for an external
driver. These devices connect input and output ports through an n-channel
FET. When the gate-to-source junction of this FET is adequately forward-
biased the device conducts and the resistance between input and output
ports is small. Without adequate bias on the gate-to-source junction of the
FET, the FET is turned off, therefore with no VCC applied, the device has
hot insertion capability.
The low on-resistance and simplicity of the connection between input and
output ports reduces the delay in this path to close to zero.
The FST6800 provides a 10-Bit TTL-compatible interface. The ON pin
serves as the enable pin. When ON is high, A and B ports are isolated and
B outputs are precharged to the BIASV voltage, through the equivalent of
a 10K
Ω resistor.
A1
A10
B10
B1
BIASV
ON
A1
A3
A4
A6
A9
A2
A5
A7
A8
A10
GND
VCC
B1
B2
B3
B4
B5
B6
B8
B9
B10
BIASV
B7
15
13
14
24
23
17
18
19
20
21
22
16
1
2
3
4
5
6
7
8
9
10
12
11
ON


Similar Part No. - IDT74FST6800_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST6800PG IDT-IDT74FST6800PG Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800Q IDT-IDT74FST6800Q Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - IDT74FST6800_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
10-Bit Bus Switch with Precharged Outputs
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com