Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56156ROM Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56156ROM
Description  16-bit Digital Signal Processor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56156ROM Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56156ROM Datasheet HTML 7Page - Motorola, Inc DSP56156ROM Datasheet HTML 8Page - Motorola, Inc DSP56156ROM Datasheet HTML 9Page - Motorola, Inc DSP56156ROM Datasheet HTML 10Page - Motorola, Inc DSP56156ROM Datasheet HTML 11Page - Motorola, Inc DSP56156ROM Datasheet HTML 12Page - Motorola, Inc DSP56156ROM Datasheet HTML 13Page - Motorola, Inc DSP56156ROM Datasheet HTML 14Page - Motorola, Inc DSP56156ROM Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Pin Descriptions
MOTOROLA
DSP56156 Data Sheet
11
trigger input is used for noise immunity.
When the reset pin is deasserted, the ini-
tial chip operating mode is latched from
the MODA and MODB pins, and the ini-
tial bus operating mode is latched from
the MODC pin. The internal reset signal
should be deasserted synchronized with
the internal clocks.
Host Interface
H0-H7 (Host Data Bus)
— bidirectional. This
bidirectional data bus is used to transfer
data between the host processor and the
DSP. This bus is an input unless enabled
by a host processor read. H0-H7 may be
programmed as Port B general purpose
parallel I/O pins called PB0-PB7 when
the Host Interface (HI) is not being used.
HA0-HA2 (Host Address 0-2)
— input*. These
inputs provide the address selection
for each HI register and are stable
when HEN is asserted. HA0-HA2 may
be programmed as Port B general pur-
pose parallel I/O pins called PB8-PB10
when the HI is not being used.
HR/W (Host Read/Write)
— input*. This in-
put selects the direction of data transfer
for each host processor access. If HR/W
is high and HEN is asserted, H0-H7 are
outputs and DSP data is transferred to
the host processor. If HR/W is low and
HEN is asserted, H0-H7 are inputs and
host data is transferred to the DSP.
When HEN is asserted, HR/W is stable.
HR/W may be programmed as a gen-
eral purpose I/O pin called PB11
when the HI is not being used.
HEN (Host Enable)
— input*. This input en-
ables a data transfer on the host data
bus. When HEN is asserted and HR/W
is high, H0-H7 becomes an output and
DSP data may be latched by the host
processor. When HEN is asserted and
HR/W is low, H0-H7 is an input and
host data is latched inside the DSP
when HEN is deasserted. Normally a
chip select signal derived from host ad-
dress decoding and an enable clock is
connected to the Host Enable. HEN
may be programmed as a general pur-
pose I/O pin called PB12 when the HI
is not being used.
HREQ (Host Request)
— output*. This open-
drain output signal is used by the HI to
request service from the host proces-
sor. HREQ may be connected to an in-
terrupt request pin of a host processor,
a transfer request of a DMA controller,
or a control input of external circuitry.
HREQ is asserted when an enabled re-
quest occurs in the HI. HREQ is deas-
serted when the enabled request is
cleared or masked, DMA HACK is as-
serted, or the DSP is reset. HREQ may
be programmed as a general purpose
I/O pin (not open-drain) called PB13
when the HI is not being used.
HACK (Host Acknowledge)
— input*. This
input has two functions:
• to provide a host acknowledge signal
for DMA transfers and,
• to control handshaking and to pro-
vide a host interrupt acknowledge
compatible with MC68000 family
processors.
If programmed as a host acknowledge
signal, HACK may be used as a data
strobe for HI DMA data transfers. If pro-
grammed as an MC68000 host interrupt
Host Interface
* These pins can be bidirectional when programmed as general purpose I/O.
Interrupt and Mode Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com