Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF032B-104I/TD Datasheet(PDF) 48 Page - Microchip Technology

Part # SST26VF032B-104I/TD
Description  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032B-104I/TD Datasheet(HTML) 48 Page - Microchip Technology

Back Button SST26VF032B-104I/TD Datasheet HTML 44Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 45Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 46Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 47Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 48Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 49Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 50Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 51Page - Microchip Technology SST26VF032B-104I/TD Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
SST26VF032B / SST26VF032BA
DS20005218E-page 48
 2013-2016 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking
Legend: XX...X
Part number or part number code)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
1st Line Marking Codes
SOIJ
WDFN
TBGA
SST26VF032B
26F032B
26F032B
26F032B
SST25VF032BA
26F032B
26F032B
26F032B
8-Lead SOIJ (5.28 mm)
Example
26F032B
SM 3
e
1506343
XXXXXXXX
YYWWNNN
XXXXXXXX
MF
1506343
26F032B
e3
8-Lead WDFN (5x6 mm)
Example
YYWWNNN
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
1506343
TD
26F032B
e3
24-Ball TBGA (6x8 mm)
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com