Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS4123S Datasheet(PDF) 11 Page - Advanced Monolithic Systems

Part # AMS4123S
Description  Dual Threshold Enable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4123S Datasheet(HTML) 11 Page - Advanced Monolithic Systems

Back Button AMS4123S Datasheet HTML 7Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 8Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 9Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 10Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 11Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 12Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 13Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 14Page - Advanced Monolithic Systems AMS4123S Datasheet HTML 15Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AMS4123
3A 20V Step-Down Converter + 1A LDO
3/5/2010
www.advanced-monolithic.com
Phone (925) 443-0722
11
Fax (925) 443-0723
Device Summary
The AMS4123 is combines a high voltage 3 Amp fixed
frequency step-down converter combined with a 1
Amp low drop out (LDO) linear regulator on a single
die.
The peak current mode step-down converter has
internal compensation and is stable with a wide range
of
ceramic,
tantalum,
and
electrolytic
output
capacitors. The step-down converter output voltage is
sensed through an external resistive divider that feeds
the negative input to an internal transconductance
error amplifier. The output of the error amplifier is
connected to the input to a peak current mode
comparator. The inductor current is sensed as it
passes through the power switch, amplified and is
also fed to the current mode comparator. The error
amplifier regulates the output voltage by controlling
the peak inductor current passing through the power
switch so that, in steady state, the average inductor
current equals the load current. The step-down
converter has an input voltage range of 4.5V to 20V
with an output voltage as low as 0.6V.
The LDO operates from an input voltage ranging from
1V to 20V and a typical dropout voltage of 350mV at
1A. The input to the LDO can be supplied by the
output of the Step-Down converter or some other
available power source that must be 2V less than the
input voltage (Vin). The LDO is also stable for a wide
range of ceramic output capacitors ranging from as
low as 1µF.
Enable
The enable input has two levels so that the step-down
converter can be enabled independently of the LDO.
The enable threshold for the step-down converter is
2.0V while the enable threshold for the linear regulator
output is 2.5V typical.
Under Voltage Lockout
The under-voltage lockout (UVLO) feature guarantees
sufficient input voltage (Vin) bias for proper operation
of all internal circuitry prior to activation. The input
voltage (Vin) is internally monitored and the converter
and LDO are enabled when the rising level of Vin
reaches 4.2V. To prevent UVLO chatter 400mV of
hysteresis is built in to the UVLO comparator so that
the step-down converter and LDO are disabled when
VIN drops to 3.8V.
Fault Protection
Short circuit and over-temperature shutdown disable
the converter and LDO in the event of an overload
condition.
Application
Inductor
The step-down converter inductor is typically selected
to limit the ripple current to 40% of the full load output
current. Solve for this value at the maximum input
voltage where the inductor ripple current is greatest.
L= Vin-Vo ·
Vo
Vin·Io·0.4·Fs
L= 15V-2.5V ·
2.5V
15V·2A·0.4·300kHz
=9.4µH
For most applications the duty cycle of the AMS4123
step down converter is less than 50% duty and does
not require slope compensation for stability. This
provides some flexibility in the selected inductor
value. Given the above selected value, others values
slightly greater or less may be examined to determine
the effect on efficiency without a detrimental effect on
stability.
With and inductor value selected, the ripple current
can be calculated:
Ipp=
(Vo+Vfwd)·(1-D)
L·Fs
Using the maximum input voltage values the ripple is:
Ipp=
(2.5V+0.2V)· 1-0.23
10μH·300kHz
=0.7A
Once the appropriate value is determined, the
component is selected based on the DC current and
the peak (saturation) current. Select an inductor that
has a DC current rating greater than the full load
current of the application. The DC current rating is
also
reflected
in
the
DC
resistance
(DCR)
specification of the inductor. The inductor DCR should
limit the inductor loss to less than 2% of the step-
down converter output power.
The peak current at full load is equal to the full load
DC current plus one half of the ripple current. As
mentioned before, the ripple current varies with input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com