Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8775CLX Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8775CLX
Description  Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8775CLX Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8775CLX Datasheet HTML 17Page - Microchip Technology KSZ8775CLX Datasheet HTML 18Page - Microchip Technology KSZ8775CLX Datasheet HTML 19Page - Microchip Technology KSZ8775CLX Datasheet HTML 20Page - Microchip Technology KSZ8775CLX Datasheet HTML 21Page - Microchip Technology KSZ8775CLX Datasheet HTML 22Page - Microchip Technology KSZ8775CLX Datasheet HTML 23Page - Microchip Technology KSZ8775CLX Datasheet HTML 24Page - Microchip Technology KSZ8775CLX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
 2015 Microchip Technology Inc.
DS00002129C-page 21
KSZ8775CLX
becomes active again until switch resources are free. If a collision occurs, the binary exponential back-off algorithm is
skipped and carrier sense is generated immediately, reducing the chance of further colliding and maintaining carrier
sense to prevent reception of packets. To ensure no packet loss in 10BASE-T or 100BASE-TX half-duplex modes, the
user must enable the following:
• Aggressive back-off (Register 3, bit [0])
• No excessive collision drop (Register 4, bit [3])
• Back pressure (Register 4, bit [5])
These bits are not set as the default because this is not the IEEE standard.
3.3.8
BROADCAST STORM PROTECTION
The KSZ8775CLX has an intelligent option to protect the switch system from receiving too many broadcast packets.
Broadcast packets are normally forwarded to all ports except the source port and thus use too many switch resources
(bandwidth and available space in transmit queues). The KSZ8775CLX has the option to include multicast packets for
storm control. The broadcast storm rate parameters are programmed globally and can be enabled or disabled on a per
port basis. The rate is based on a 50 ms (0.05s) interval for 100BT and a 500 ms (0.5s) interval for 10BT. At the begin-
ning of each interval, the counter is cleared to zero and the rate limit mechanism starts to count the number of bytes
during the interval. The rate definition is described in Registers 6 and 7. The default setting for Registers 6 and 7 is 0x4A
(74 decimal). This is equal to a rate of 1%, as calculated in Equation 3-1.
EQUATION 3-1:
3.4
Functional Overview: Switch Core
The internal look-up table stores MAC addresses and their associated information. It contains a 1k unicast address table
plus switching information. The KSZ8775CLX is guaranteed to learn 1k addresses and distinguishes itself from a hash-
based look-up table, which, depending on the operating environment and probabilities, may not guarantee the absolute
number of addresses it can learn.
3.4.1
LEARNING
The internal look-up engine updates its table with a new entry if the following conditions are met:
• The received packet’s source address (SA) does not exist in the look-up table.
• The received packet is good; the packet has no receiving errors and is of legal length.
The look-up engine inserts the qualified SA into the table, along with the port number and time stamp. If the table is full,
the last entry of the table is deleted first to make room for the new entry.
3.4.2
MIGRATION
The internal look-up engine also monitors whether a station is moved. If this occurs, it updates the table accordingly.
Migration happens when the following conditions are met:
• The received packet’s SA is in the table, but the associated source port information is different.
• The received packet is good; the packet has no receiving errors and is of legal length.
The look-up engine will update the existing record in the table with the new source port information.
3.4.3
AGING
The look-up engine will update the time stamp information of a record whenever the corresponding SA appears. The
time stamp is used in the aging process. If a record is not updated for a period of time, the look-up engine will remove
the record from the table. The look-up engine constantly performs the aging process and will continuously remove aging
records. The aging period is 300 ±75 seconds. This feature can be enabled or disabled through Register 3 bit [2].
3.4.4
FORWARDING
The KSZ8775CLX will forward packets using an algorithm that is depicted in the following flowcharts. The next figure
shows stage one of the forwarding algorithm where the search engine looks up the VLAN ID, static table, and dynamic
table for the destination address, and then comes up with port to forward 1 (PTF1). PTF1 is then further modified by the
spanning tree, IGMP snooping, port mirroring, and port VLAN processes and authentication to come up with port to for-
ward 2 (PTF2), as shown in the Equation 3-4. The authentication and ACL have highest priority in the forwarding pro-
cess, ACL result will overwrite the result of the forwarding process. This is where the packets will be sent.
148800 frames
 se

50ms

0.05s
 interval 1%
74 frames
 interval (approx)
0x4A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com