Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8081MLX Datasheet(PDF) 21 Page - Microchip Technology

Part # KSZ8081MLX
Description  10BASE-T/100BASE-TX Physical Layer Transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8081MLX Datasheet(HTML) 21 Page - Microchip Technology

Back Button KSZ8081MLX Datasheet HTML 17Page - Microchip Technology KSZ8081MLX Datasheet HTML 18Page - Microchip Technology KSZ8081MLX Datasheet HTML 19Page - Microchip Technology KSZ8081MLX Datasheet HTML 20Page - Microchip Technology KSZ8081MLX Datasheet HTML 21Page - Microchip Technology KSZ8081MLX Datasheet HTML 22Page - Microchip Technology KSZ8081MLX Datasheet HTML 23Page - Microchip Technology KSZ8081MLX Datasheet HTML 24Page - Microchip Technology KSZ8081MLX Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
 2016 Microchip Technology Inc.
DS00002264A-page 21
KSZ8081MLX
3.8
LinkMD® Cable Diagnostic
The LinkMD function uses time-domain reflectometry (TDR) to analyze the cabling plant for common cabling problems.
These include open circuits, short circuits, and impedance mismatches.
LinkMD works by sending a pulse of known amplitude and duration down the MDI or MDI-X pair, then analyzing the
shape of the reflected signal to determine the type of fault. The time duration for the reflected signal to return provides
the approximate distance to the cabling fault. The LinkMD function processes this TDR information and presents it as
a numerical value that can be translated to a cable distance.
LinkMD is initiated by accessing Register 1Dh, the LinkMD Control/Status register, in conjunction with Register 1Fh, the
PHY Control 2 register. The latter register is used to disable Auto MDI/MDI-X and to select either MDI or MDI-X as the
cable differential pair for testing.
3.8.1
USAGE
The following is a sample procedure for using LinkMD with Registers 1Dh and 1Fh:
1.
Disable auto MDI/MDI-X by writing a ‘1’ to Register 1Fh, bit [13].
2.
Start cable diagnostic test by writing a ‘1’ to Register 1Dh, bit [15]. This enable bit is self-clearing.
3.
Wait (poll) for Register 1Dh, bit [15] to return a ‘0’, and indicating cable diagnostic test is completed.
4.
Read cable diagnostic test results in Register 1Dh, bits [14:13]. The results are as follows:
00 = normal condition (valid test)
01 = open condition detected in cable (valid test)
10 = short condition detected in cable (valid test)
11 = cable diagnostic test failed (invalid test)
The ‘11’ case, invalid test, occurs when the device is unable to shut down the link partner. In this instance, the test is
not run because it would be impossible for the device to determine if the detected signal is a reflection of the signal
generated or a signal from another source.
5.
Get distance to fault by concatenating Register 1Dh, bits [8:0] and multiplying the result by a constant of 0.38.
The distance to the cable fault can be determined by the following formula:
EQUATION 3-1:
Concatenated value of Registers 1Dh bits [8:0] should be converted to decimal before multiplying by 0.38.
The constant (0.38) may be calibrated for different cabling conditions, including cables with a velocity of propagation
that varies significantly from the norm.
3.9
NAND Tree Support
The KSZ8081MLX provides parametric NAND tree support for fault detection between chip I/Os and board. The NAND
tree is a chain of nested NAND gates in which each KSZ8081MLX digital I/O (NAND tree input) pin is an input to one
NAND gate along the chain. At the end of the chain, the CRS/CONFIG1 pin provides the output for the nested NAND
gates.
The NAND tree test process includes:
• Enabling NAND tree mode
• Pulling all NAND tree input pins high
• Driving each NAND tree input pin low, sequentially, according to the NAND tree pin order
• Checking the NAND tree output to make sure there is a toggle high-to-low or low-to-high for each NAND tree input
driven low
Table 3-5 lists the NAND tree pin order.
DDis
ce
tan
·
to cable fault in meters

0.38
Register 1Dh, bits[8:0]

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com