Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMS285-2.5AS Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS285-2.5AS
Description  Battery Powered Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-2.5AS Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS285-2.5AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-2.5AS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMS285-2.5/AMS385-2.5
TYPICAL APPLICATIONS (Continued)
Micropower Thermocouple Cold Junction Compensator
+
LM334
AMS385-2.5
R1
R2
ZERO ADJ
100k
1M
1%
18k
2k
1%
TC ADJ
500
METER
3V
LITHIUM
+
-
V+
V-
R
THERMOCOUPLE
+
-
COLD JUNCTION
ISO THERMAL
WITH LM334
Adjustment Procedure
1. Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature
multiplied by the thermocouple Seebeck coefficient.
2. Adjust ZERO ADJ pot until voltage across R2 equals the thermocouple
Seebeck coefficient multiplied by 273.2.
Thermocouple
Seebeck
R1
R2
Voltage
Voltage
Type
Coefficient
(
Ω)
(
Ω) Across R1
Across R2
(mV/
°C)
@ 25
°C (mV)
(mV)
J
52.3
523
1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
412
953
Ω
12.17
11.17
S
6.4
63.4
150
Ω
1.908
1.766
Typical supply current 50
µA
Precision 1
µA to 1mA Current Sources
7
4
3
2
+
-
LM312
6
AMS385-2.5
R2
R1
68k
-30V
-1.5V TO -27V
C1
150pF
I
OUT*
*IOUT =2.5V/R2
7
4
3
2
+
-
LM312
6
R2
R1
68k
30V
1.5V TO 27V
C1
150pF
I
OUT*
AMS385-2.5
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com