Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL24C16A Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C16A
Description  Single supply voltage and high speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C16A Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C16A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BL24C02A/04A/08A/16A
BL24C02A/04A/08A/16A Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
9-16
Electrical Characteristics
Absolute Maximum Stress Ratings:
DC Supply Voltage . . . . . . . . . . . . . . . . .-0.3V to +6.5V
Input / Output Voltage . . . . . . . .GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . . . . -40℃ to +85℃
Storage Temperature . . . . . . . . . . . . -65℃ to +150℃
Electrostatic pulse (Human Body model) . . . . . . . 8000V
Comments:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this
device. These are stress ratings only. Functional operation of this device at these or any other
conditions above those indicated in the operational sections of this specification is not implied or
intended. Exposure to the absolute maximum rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V
(unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
VCC1
1.7
-
5.5
V
-
Supply Voltage
VCC2
2.5
-
5.5
V
-
Supply Current VCC=5.0V
ICC1
-
0.14
0.3
mA
READ at 400KHZ
Supply Current VCC=5.0V
ICC2
-
0.28
0.5
mA
WRITE at 400KHZ
Supply Current VCC=5.0V
ISB1
-
0.03
0.5
μ
A
VIN=VCC or VSS
Input Leakage Current
IL1
-
0.10
1.0
μ
A
VIN=VCC or VSS
Output Leakage Current
ILO
-
0.05
1.0
μ
A
VOUT=VCC or VSS
Input Low Level
VIL1
-0.3
-
VCC×0.3
V
VCC=1.7V to 5.5V
Input High Level
VIH1
VCC×0.7
-
VCC+0.3
V
VCC=1.7V to 5.5V
Output Low Level VCC=1.7V
VOL1
-
-
0.2
V
IOL=0.15mA
Output Low Level VCC=5.0V
VOL2
-
-
0.4
V
IOL=3.0mA
Pin Capacitance
Applicable over recommended operating range from TA = 25℃, f = 1.0 MHz, VCC = +1.7V
Parameter
Symbol Min
Typ
Max
Unit
Condition
Input/Output Capacitance(SDA)
CI/O
-
-
8
pF
VIO=0V
Input Capacitance(A0,A1,A2,SCL)
CIN
-
-
6
pF
VIN=0V
Table 5
Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com