Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V91 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6V91
Description  Temperature Measurement
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V91 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6V91 Datasheet HTML 7Page - Microchip Technology MCP6V91 Datasheet HTML 8Page - Microchip Technology MCP6V91 Datasheet HTML 9Page - Microchip Technology MCP6V91 Datasheet HTML 10Page - Microchip Technology MCP6V91 Datasheet HTML 11Page - Microchip Technology MCP6V91 Datasheet HTML 12Page - Microchip Technology MCP6V91 Datasheet HTML 13Page - Microchip Technology MCP6V91 Datasheet HTML 14Page - Microchip Technology MCP6V91 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005434B-page 11
MCP6V91/1U/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.4V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =30pF.
FIGURE 2-25:
Power-On Reset Voltage vs.
Ambient Temperature.
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
-50
-25
0
255075
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com