Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGC3030 Datasheet(PDF) 34 Page - Microchip Technology

Part # MGC3030
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 30Page - Microchip Technology MGC3030 Datasheet HTML 31Page - Microchip Technology MGC3030 Datasheet HTML 32Page - Microchip Technology MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology MGC3030 Datasheet HTML 37Page - Microchip Technology MGC3030 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MGC3030/3130
DS40001667D-page 34
Advance Information
 2012-2015 Microchip Technology Inc.
6.0
APPLICATION ARCHITECTURE
The standard MGC3X30 implementation is a single-
zone design. This configuration is based on one
MGC3X30 connected to an application host via I2C™
with MGC3X30 being Slave and Application Host being
Master. A total of three lines are needed for the I2C
interface (see Figure 6-1).
Data reporting and flow-control scenarios are
described below for I2C communication:
•SDA
•SCL
• EIO0 (Transfer Status Line) is toggled indicating
that new data is available and checking whether
the host has already started data reading or not.
FIGURE 6-1:
APPLICATION CIRCUITRY
6.1
ESD Considerations
The MGC3X30 provides Electrostatic Discharge (ESD)
Voltage protection up to 2 kV (HBM). Additional ESD
countermeasures may be implemented individually to
meet application-specific requirements.
6.2
Power Noise Considerations
MGC3X30 filtering capacitors are included in the
reference design schematic (Please refer to Figure 6-2).
6.3
Irradiated High-Frequency Noise
In order to suppress irradiated high-frequency signals,
the five Rx channels of the chip are connected to the
electrodes via serial 10 k
 resistors, as close as
possible to MGC3X30. The 10 k
 resistor and the
MGC3X30 input capacitance are building a low-pass
filter with a corner frequency of 3 MHz. An Additional
ferrite bead is recommended to suppress the coupling
of RF noise to the Tx channel (e.g., 600
 at 100 MHz).
An additional ferrite bead is recommended to suppress
the coupling of RF noise to the Tx channel (e.g., 600
at 100 MHz).
6.4
Reference Schematic
(3.3V
VDD  3.465V)
The reference application schematic for the MGC3X30
is depicted below in Figure 6-2.
MGC3x30
Host
Controller
SDA0
SCL0
EIO0
MCLR
SDA
SCL
GPIO
GPIO
SDA
SCL
TS
Vcc
MCLR
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com