Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGC3130 Datasheet(PDF) 1 Page - Microchip Technology

Part # MGC3130
Description  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 1 Page - Microchip Technology

  MGC3130 Datasheet HTML 1Page - Microchip Technology MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 1
MGC3030/3130
Introduction
Microchip’s MGC3X30 are 3D gesture recognition and
motion tracking controller chips based on Microchip’s
patented GestIC® technology. They enable user-
command input with natural hand and finger
movements. Applying the principles of electrical near-
field sensing, the MGC3X30 contain all the building
blocks to develop robust 3D gesture input sensing
systems. Implemented as a low-power mixed-signal
configurable controller, they provide a large set of
smart functional features with integrated signal driver,
a frequency adaptive input path for automatic noise
suppression and a digital signal processing unit.
Microchip’s on-chip Colibri Suite obsoletes processing
needs at the host, reduces system power consumption
resulting in low software development efforts for short
time-to-market success. The MGC3XXX family
represents a unique solution that provides gesture
information of the human hand in real time. Dedicated
chip family members add position data, touch or multi
touch information to the free space gesture sensing.
The MGC3XXX allow the realization of a new
generation of user interfaces across various industry
markets.
Applications
• Audio Products
• Notebooks/Keyboards/PC Peripherals
• Home Automation
• White Goods
• Switches/Industrial Switches
• Medical Products
• Game Controllers
• Audio Control
Power Features
• Variety of Several Power Operation modes
include:
- Processing mode: 20 mA @ 3.3V, typical
- Programmable Self Wake-up: 110 µA @ 3.3V
- Deep Sleep: 9 µA @ 3.3V, typical
Key Features
• Recognition of 3D Hand Gestures and x, y, z
Positional Data (MGC3130)
• Proximity and Touch Sensing
• Built-in Colibri Gesture Suite (running on chip)
• Advanced 3D Signal Processing Unit
• Detection Range: 0 to 10 cm
• Receiver Sensitivity: <1 fF
• Position Rate: 200 positions/sec
• Spatial Resolution: up to 150 dpi
• Carrier Frequency: 44 kHz to 115 kHz
• Channels Supported:
- Five receive (Rx) channels
- One transmit (Tx) channel
• On-chip Auto Calibration
• Low Noise Radiation due to Low Transmit Voltage
and Slew Rate Control
• Noise Susceptibility Reduction:
- On-chip analog filtering
- On-chip digital filtering
- Automatic frequency hopping
• Enables the use of Low-Cost Electrode Material
including:
- Printed circuit board
- Conductive paint
- Conductive foil
- Laser Direct Structuring (LDS)
- Touch panel ITO structures
• Field Upgrade Capability
• Operating Voltage: 3.3V (+/-5%) (single supply)
• Temperature Range: -20°C to +85°C
Peripheral Features
•1x I2C™ Interface for Configuration and Sensor
output streaming
• Five Gesture Port pins for individual mapping of
gesture to EIOs
Note:
This data sheet applies to parts MGC3030
and
MGC3130.
Throughout
this
document the term MGC3X30 will be
representative for these two parts.
MGC3030/3130 3D Tracking and Gesture Controller Data Sheet


Similar Part No. - MGC3130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 49P
MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 40P
Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 46P
MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
MGC3130 MICROCHIP-MGC3130 Datasheet
2Mb / 50P
Hillstar Development Kit User’s Guide
08/20/13
MGC3130 MICROCHIP-MGC3130_12 Datasheet
1Mb / 40P
Single-Zone 3D Gesture Controller Data Sheet
2012 10/26/12
More results

Similar Description - MGC3130

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SSWFS-S01-AA05-HWH SUNTSU-SSWFS-S01-AA05-HWH Datasheet
174Kb / 2P
Audio products
SSWFS-S01-AA09-HWH SUNTSU-SSWFS-S01-AA09-HWH Datasheet
177Kb / 2P
Audio products
SSWFS-S01-AC05-HWH SUNTSU-SSWFS-S01-AC05-HWH Datasheet
171Kb / 2P
Audio products
SSWFS-S01-AC11-HWH-C25 SUNTSU-SSWFS-S01-AC11-HWH-C25 Datasheet
184Kb / 2P
Audio products
SSWFS-S01-AE05-HWH SUNTSU-SSWFS-S01-AE05-HWH Datasheet
173Kb / 2P
Audio products
SSWFS-S01-AE11-C20 SUNTSU-SSWFS-S01-AE11-C20 Datasheet
185Kb / 2P
Audio products
SSWFS-S01-AE11-HWH-C20 SUNTSU-SSWFS-S01-AE11-HWH-C20 Datasheet
186Kb / 2P
Audio products
SSWFS-S01-AE11-HWH-C25 SUNTSU-SSWFS-S01-AE11-HWH-C25 Datasheet
186Kb / 2P
Audio products
SSWFS-S01-BA05-HH SUNTSU-SSWFS-S01-BA05-HH Datasheet
196Kb / 2P
Audio products
SSWFS-S01-BB05-HWH SUNTSU-SSWFS-S01-BB05-HWH Datasheet
197Kb / 2P
Audio products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com