Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS6310 Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6310
Description  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6310 Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6310 Datasheet HTML 1Page - MOSA ELECTRONICS MS6310 Datasheet HTML 2Page - MOSA ELECTRONICS MS6310 Datasheet HTML 3Page - MOSA ELECTRONICS MS6310 Datasheet HTML 4Page - MOSA ELECTRONICS MS6310 Datasheet HTML 5Page - MOSA ELECTRONICS MS6310 Datasheet HTML 6Page - MOSA ELECTRONICS MS6310 Datasheet HTML 7Page - MOSA ELECTRONICS MS6310 Datasheet HTML 8Page - MOSA ELECTRONICS MS6310 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
6/9
www.mosanalog.com
I2S format
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
1 BCK
1 BCK
15
14
13
2
1
0
MSB
LSB
Fig.3 I2S format(MS6309)
Right justified format
0
1
2
15
14
13
2
1
0
MSB
LSB
15
14
13
2
1
0
MSB
LSB
RIGHT
LEFT
WS
BCK
DATA
Fig.4 Right justified format(MS6310)
APPLICATION INFORMATION
Basic application example
BCK
WS
DATA
GND
VoR
N.C
VoL
VDD
MS6309/10
50k
MSV358
50k
420pF
10Ω
VDD
47uF
0.1uF
50k
MSV358
50k
420pF
100pF
100pF
1
2
3
4
5
6
7
8
Line-Out
Line-Out
Fig.4 Example of a 2nd order filter application.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com