Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSP-1216STM Datasheet(PDF) 1 Page - STMicroelectronics

Part # GSP-1216STM
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GSP-1216STM Datasheet(HTML) 1 Page - STMicroelectronics

  GSP-1216STM Datasheet HTML 1Page - STMicroelectronics GSP-1216STM Datasheet HTML 2Page - STMicroelectronics GSP-1216STM Datasheet HTML 3Page - STMicroelectronics GSP-1216STM Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
GSP-1216STM
May 2005
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Rev. 2
FEATURES
■ EUROPEAN INPUT VOLTAGE 230 Vac
■ SINGLE OUTPUT MAX 20W
■ EMC COMPLIANCE ACCORDING TO EU
DIRECTIVES
■ SAFETY APPROVAL ACCORDING TO
EN60950 / EN60065
■ OUTPUT VOLTAGE PRECISION: ±5%
■ INPUT FUSE PROTECTION
■ OUTPUT SHORT CIRCUIT PROTECTION
■ 2 WIRES DC CORD 1.5 m TERMINATED
WITH 5.5 mm (ext. diam.) / 2.1 mm (int. diam.)
JACK CONNECTOR
■ LOW STAND BY POWER CONSUMPTION
■ AVAILABLE WITH EU PLUG
■ CE MARKED
DESCRIPTION
The Power Plug is a high efficiency AC/DC switching
mode constant voltage generator.
Designed for a variety of residential applications, this
wall plug-in power supply performs up to 20W output
power.
Typical reference value for the off the shelf solution is
12V 1.6A.
Coming into a compact housing, the power plug can
be assembled with EU plug identified by a specific or-
dering number.
Output DC power is ensured via a 2 wires cord with
strain relief, terminated with a barrel connector.
Typical weight is 52 grams only, without cable.
UPON REQUEST
Upon request and agreement, the power supply can
be customized offering different current/voltage level,
a variety of plugs (among which Uk, Us, etc.) and
support to gain specific Agency Approvals, as well.
PRELIMINARY DATA
AC/DC POWER SUPPLY


Similar Part No. - GSP-1216STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GSP-24RW ETC2-GSP-24RW Datasheet
190Kb / 1P
STEPPING MOTOR
logo
Good Will Instrument Co...
GSP-730 GWINSTEK-GSP-730 Datasheet
3Mb / 2P
GSP-730 3GHz SPECTRUM ANALYZER 8:. GRF-1300 RF and COMMUNICATION TRAINER
GSP-8000 GWINSTEK-GSP-8000 Datasheet
1Mb / 2P
8.0GHz/3.8GHz/1.8GHz Spectrum Analyzer
GSP-8180 GWINSTEK-GSP-8180 Datasheet
1Mb / 2P
8.0GHz/3.8GHz/1.8GHz Spectrum Analyzer
GSP-8180E1 GWINSTEK-GSP-8180E1 Datasheet
1Mb / 2P
8.0GHz/3.8GHz/1.8GHz Spectrum Analyzer
More results

Similar Description - GSP-1216STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com