Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT72V3653 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 20Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 21Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 22Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 23Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 24Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 25Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 26Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 27Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
NOTES:
1. tSKEW1 is the minimum time between a rising CLKB edge and a rising CLKA edge for FF to transition HIGH in the next CLKA cycle. If the time between the rising CLKB edge and rising
CLKA edge is less than tSKEW1, then FF may transition HIGH one CLKA cycle later than shown.
2. If Port B size is word or byte, tSKEW1 is referenced from the rising CLKB edge that reads the last word or byte of the long word, respectively.
Figure 14. FF
FF
FF
FF
FF Flag Timing and First Available Write when FIFO is Full (IDT Standard Mode)
NOTES:
1. tSKEW2 is the minimum time between a rising CLKA edge and a rising CLKB edge for AE to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising
CLKB edge is less than tSKEW2, then AE may transition HIGH one CLKB cycle later than shown.
2. FIFO Write (CSA = LOW, W/RA = LOW, MBA = LOW), FIFO read (CSB = LOW, W/RB = HIGH, MBB = LOW). Data in the FIFO output register has been read from the FIFO.
3. If Port B size is word or byte, AE is set LOW by the last word or byte read from the FIFO, respectively.
Figure 15. Timing for AE
AE
AE
AE
AE when the FIFO is Almost-Empty (IDT Standard and FWFT Modes).
CSB
EF
W/RB
MBB
ENB
B0-B35
CLKB
FF
CLKA
CSA
4662 drw16
W/
RA
A0-A35
MBA
ENA
12
tCLK
tCLKH
tCLKL
tENS2
tENH
tA
tSKEW1
tCLK
tCLKL
tENS2
tENS2
tDS
tENH
tENH
tDH
To FIFO
Previous Word in FIFO Output Register
Next Word From FIFO
LOW
HIGH
LOW
HIGH
LOW
HIGH
(1)
FIFO Full
WFF
WFF
t
t
tCLKH
AE
CLKA
ENB
4662 drw 17
ENA
CLKB
2
1
tENS2
tENH
tSKEW2
tPAE
tPAE
tENS2
tENH
X Words in FIFO
(X+1) Words in FIFO
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com