Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3876 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876
Description  LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3876 Datasheet HTML 1Page - National Semiconductor (TI) LM3876 Datasheet HTML 2Page - National Semiconductor (TI) LM3876 Datasheet HTML 3Page - National Semiconductor (TI) LM3876 Datasheet HTML 4Page - National Semiconductor (TI) LM3876 Datasheet HTML 5Page - National Semiconductor (TI) LM3876 Datasheet HTML 6Page - National Semiconductor (TI) LM3876 Datasheet HTML 7Page - National Semiconductor (TI) LM3876 Datasheet HTML 8Page - National Semiconductor (TI) LM3876 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Notes 4, 5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage |V
+|+|V−| (No Signal)
94V
Supply Voltage |V
+|+|V−| (Input Signal)
84V
Common Mode Input Voltage
(V
+ or V−) and
|V
+|+|V−|
≤80V
Differential Input Voltage
60V
Output Current
Internally Limited
Power Dissipation (Note 6)
125W
ESD Susceptibility (Note 7)
3000V
Junction Temperature (Note 8)
150˚C
Soldering Information
T Package (10 seconds)
260˚C
Storage Temperature
−40˚C to +150˚C
Thermal Resistance
θ
JC
1˚C/W
θ
JA
43˚C/W
Operating Ratings (Notes 4, 5)
Temperature Range
T
MIN ≤ TA ≤ TMAX
−20˚C
≤ T
A ≤ +85˚C
Supply Voltage |V
+|+|V−|
24V to 84V
Note 1: Operation is guaranteed up to 84V, however, distortion may be intro-
duced from SPiKe Protection Circuitry when operating above 70V if proper
thermal considerations are not taken into account. Refer to the Thermal
Considerations section for more information.
(See SPiKe Protection Response)
Electrical Characteristics (Notes 4, 5)
The following specifications apply for V
+ = +35V, V− = −35V, I
MUTE = −0.5 mA with RL = 8Ω unless otherwise specified. Limits
apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM3876
Units
(Limits)
Typical
Limit
(Note 9) (Note 10)
|V
+|+|V−|
Power Supply Voltage (Note 13)
V
pin7 −V
−
≥ 9V
18
24
V (min)
84
V (max)
A
M
Mute Attenuation
Pin 8 Open or at 0V, Mute: On
Current out of Pin 8 > 0.5 mA,
120
80
dB (min)
Mute: Off
P
O
(Note 3)
Output Power (Continuous Average)
THD + N = 0.1% (max)
56
40
W (min)
f = 1 kHz; f = 20 kHz
Peak P
O
Instantaneous Peak Output Power
100
W
THD + N
Total Harmonic Distortion Plus Noise
40W, 20 Hz
≤ f ≤ 20 kHz
0.06
%
A
V = 26 dB
SR
(Note 3)
Slew Rate (Note 12)
V
IN = 1.2 Vrms, f = 10 kHz,
11
5
V/µs
(min)
Square-Wave, R
L = 2kΩ
I
+ (Note 2)
Total Quiescent Power Supply
Current
V
CM = 0V, Vo = 0V, Io = 0A, Imute = 0A
30
70
mA (max)
V
OS
(Note 2)
Input Offset Voltage
V
CM = 0V, Io = 0 mA
1
15
mV (max)
I
B
Input Bias Current
V
CM = 0V, Io = 0 mA
0.2
1
µA (max)
I
OS
Input Offset Current
V
CM = 0V, Io = 0 mA
0.01
0.2
µA (max)
I
o
Output Current Limit
|V
+| = |V−| = 12V, t
ON = 10 ms, VO = 0V
6
4
A (min)
V
od
(Note 2)
Output Dropout Voltage (Note 14)
|V
+–V
O|, V
+ = 20V, I
o = +100 mA
1.6
5
V (max)
|V
O–V
−|, V− = −20V, I
o = −100 mA
2.7
5
V (max)
PSRR
(Note 2)
Power Supply Rejection Ratio
V
+ = 40V to 20V, V− = −40V,
120
85
dB (min)
V
CM = 0V, Io = 0mA
V
+ = 40V, V− = −40V to −20V,
120
85
dB (min)
V
CM = 0V, Io = 0mA
CMRR
(Note 2)
Common Mode Rejection Ratio
V
+ = 60V to 20V, V− = −20V to −60V,
120
80
dB (min)
V
CM = 20V to −20V, Io = 0mA
A
VOL
(Note 2)
Open Loop Voltage Gain
|V
+| = |V−| = 40V, R
L = 2kΩ, ∆VO = 60V
120
90
dB (min)
GBWP
Gain-Bandwidth Product
|V
+| = |V−| = 40V
8
2
MHz
(min)
f
O = 100 kHz, VIN = 50 mVrms
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com