Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF14-3032SCF Datasheet(PDF) 2 Page - Hirose Electric

Part # DF14-3032SCF
Description  1.25mm Pitch Super Low profile Crimping Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-3032SCF Datasheet(HTML) 2 Page - Hirose Electric

  DF14-3032SCF Datasheet HTML 1Page - Hirose Electric DF14-3032SCF Datasheet HTML 2Page - Hirose Electric DF14-3032SCF Datasheet HTML 3Page - Hirose Electric DF14-3032SCF Datasheet HTML 4Page - Hirose Electric DF14-3032SCF Datasheet HTML 5Page - Hirose Electric DF14-3032SCF Datasheet HTML 6Page - Hirose Electric DF14-3032SCF Datasheet HTML 7Page - Hirose Electric DF14-3032SCF Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B235
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
qContact
Applicable cable size
2628: AWG26 to 28
3032: AWG30 to 32
Packaging Type
SCF: Socket contact/reel
Plating Type
Blank: Tin plated
A: Gold plated
DF14 - 2628 SCF A
1
2
3
2
3
sProduct Specifications
Current rating
1A
Voltage rating 150V AC
Operating Temperature Range -35 to +85ç (Note 1)
Operating Moisture Range
40 to 80%
Storage Temperature Range -10 to +60ç (Note 2)
Storage Moisture Range
40 to 70% (Note 2)
Item
Specification
Condition
1. Insulation Resistance
500M ohms Min
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
500V AC/1 minute
3. Contact Resistance
30m ohms Max
100mA
4. Insertion/Extraction Force MIN0.15N (15gf), MAX3N (300gf)
Measure at the square steel pin of 0.3±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms Max Insulation resistance:500M ohms Min
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms Max Insulation resistance: 500M ohms Min
(-25ç: 30 minutes➝5 to 35ç: 10 minutes➝85ç: 30 minutes➝
5 to 35ç: 10 minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms Max
Tin plating: 30 cycles Gold plating: 50 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Rating
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
sMaterial
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Beige
UL94V-0
Crimping Contact for Socket
Contact
Phosphor Copper
Tin-copper plated or gold plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
Pin Header
Contact
Brass
Tin-copper plated or gold plated
–––––––
Fitting
Phosphor copper
Tin-copper plated
–––––––
sOrdering Information
1
qConnector
1
2
3
Series Name: DF14
Blank: Standard, with boss
A: on-board, without boss
H: offset
Number of Contacts: 2 to 10, 15, 20, 25, 30
Connector Type
S: Single row socket
P: Single row pin header
Contact Pitch: 1.25mm
Contact Type
C: Crimping socket
H: Right angle SMT
4
5
6
1
DF 14 # - * S - 1.25 C
3
2
4
5
6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com