Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF63-1618PC Datasheet(PDF) 3 Page - Hirose Electric

Part # DF63-1618PC
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF63-1618PC Datasheet(HTML) 3 Page - Hirose Electric

  DF63-1618PC Datasheet HTML 1Page - Hirose Electric DF63-1618PC Datasheet HTML 2Page - Hirose Electric DF63-1618PC Datasheet HTML 3Page - Hirose Electric DF63-1618PC Datasheet HTML 4Page - Hirose Electric DF63-1618PC Datasheet HTML 5Page - Hirose Electric DF63-1618PC Datasheet HTML 6Page - Hirose Electric DF63-1618PC Datasheet HTML 7Page - Hirose Electric DF63-1618PC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
■Straight Header
Outline of the
connector
B±
0.1
P=3.96±0.05
1.5±0.05
Ø1.8
+0.
1
0
Ø1.6
+0.1
0
Polarization
mark
8
7.05
□
1.14
B
A
P=3.96
□
1.14
6.2
7.05
8
[1 pos.]
[2 to 6 pos.]
[1 to 6 pos.]
●Recommended PCB Layout
(Board thickness : 1.6±0.1)
Standard Type (Guide post : Left Side, Color : Black)
Part No.
HRS No.
No. of Contacts
A
B
DF63-1P-3.96DSA(**)
680-0503-9 **
1
6.2
-
DF63-2P-3.96DSA(**)
680-0504-1 **
2
8.66
3.96
DF63-3P-3.96DSA(**)
680-0501-3 **
3
12.62
7.92
DF63-4P-3.96DSA(**)
680-0505-4 **
4
16.58
11.88
DF63-5P-3.96DSA(**)
680-0506-7 **
5
20.54
15.84
DF63-6P-3.96DSA(**)
680-0507-0 **
6
24.50
19.80
R Type (Guide post : Right Side, Guide key, Color : White)
Part No.
HRS No.
No. of Contacts
A
B
DF63R-1P-3.96DSA(**)
Under development
1
6.2
-
DF63R-2P-3.96DSA(**)
680-0518-6 **
2
8.66
3.96
DF63R-3P-3.96DSA(**)
680-0515-8 **
3
12.62
7.92
DF63R-4P-3.96DSA(**)
680-0519-9 **
4
16.58
11.88
DF63R-5P-3.96DSA(**)
Under development
5
20.54
15.84
DF63R-6P-3.96DSA(**)
6
24.50
19.80
7.92mm pitch
Part No.
HRS No.
No. of Contacts
A
B
DF63-2P-7.92DSA(**)
680-0513-2 **
2
12.62
7.92
DF63R-2P-7.92DSA(**)
Under development
DF63-3P-7.92DSA(**)
680-0537-0 **
3
20.54
15.84
DF63R-3P-7.92DSA(**)
Under development
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Note 2 : Please contact Hirose representative if you have request for (01) specification.
Unit : mm
[Specification number]**
None :
Tin plated
(01)
: Gold plated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com