Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT802/DF63-1618S-2 Datasheet(PDF) 5 Page - Hirose Electric

Part # HT802/DF63-1618S-2
Description  15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/DF63-1618S-2 Datasheet(HTML) 5 Page - Hirose Electric

  HT802/DF63-1618S-2 Datasheet HTML 1Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 2Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 3Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 4Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 5Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 6Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 7Page - Hirose Electric HT802/DF63-1618S-2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DF63 Series●15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
[Specification number]
**
None : Black
■In-line Plug (Panel Lock Type)
■In-line Plug
Part No.
HRS No.
No. of Contacts
A
DF63A-1EP-3.96C(**)
Under development
1
6.2
DF63A-2EP-3.96C(**)
680-0535-5 **
2
8.66
DF63A-3EP-3.96C(**)
680-0534-2 **
3
12.62
DF63A-4EP-3.96C(**)
Under development
4
16.58
DF63A-5EP-3.96C(**)
5
20.54
DF63A-6EP-3.96C(**)
6
24.5
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
Part No.
HRS No.
No. of Contacts
A
BC
DE
DF63-1EP-3.96C(**)
Under development
1
12.7
6.2
8.8
5.0
−
DF63-2EP-3.96C(**)
680-0533-0 **
2
16.66
8.66
12.76
8.86
4.36
DF63-3EP-3.96C(**)
680-0532-7 **
3
20.62
12.62
16.72
12.82
8.32
DF63-4EP-3.96C(**)
Under development
4
24.58
16.58
20.68
16.78
12.28
DF63-5EP-3.96C(**)
5
28.54
20.54
24.64
20.74
16.24
DF63-6EP-3.96C(**)
6
32.5
24.5
28.6
24.70
20.2
Note 1 : Bag packaging (100 pcs/pack). Order by number of packs.
P=3.96
2.75
5.35
A
B
Polarization mark
E
D
C+F
Polarization
mark
P=3.96
A
Panel thickness
F
0.5 ∼ 0.6
0
0.7 ∼ 1.1
0.5
1.2 ∼ 1.7
1.0
2.0 ∼ 2.3
3.2
Unit : mm
Unit : mm
[Specification number]
**
None : Black



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com