Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXXLD32G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LXXLD32G-SH2-R
Description  Fast Transient Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LXXLD32G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LXXLD32G-SH2-R Datasheet HTML 1Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 2Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 3Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 4Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 5Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 6Page - Unisonic Technologies LXXLD32G-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LXXLD32
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-A87.C
3A, ULTRA LOW DROPOUT
(0.23V@3A) LINEAR REGULATOR
DESCRIPTION
The UTC LXXLD32 is a typical LDO with the features of very low
dropout voltage as low as 0.23V at output current 3A.
For normal operation, two supply voltages are necessary. One called
control voltage from other equipment can shutdown the output voltage
and it should pull and hold the voltage of EN pin less than 0.5V. Another
one is the main supply voltage whose purpose is for main power
conversion, to keep the power dissipation low, and to make the dropout
voltage lower.
Internally, in the UTC LXXLD32, there’re many functions which can
be seen in the block figure to prevent the IC from being damaged.
Internal Power-On-Reset (POR) circuit can control the two supply
voltages to prevent fault operations of the circuit; the thermal shutdown
circuit is able to protect the device from over thermal operation, and a
current limit function will keep the device work safely under current
over-loads.
The UTC LXXLD32 can be used as an ideal to provide well supply
voltage in the applications, such as front-side-bus termination on
motherboard, NB applications, front side bus VTT (1.2V/3A) and note
book PC applications.
HSOP-8
FEATURES
* Compatible with LXXLD30
* Low Dropout VD=0.23V(typ.)@ IOUT=3A
* Low ESR Output Capacitor
* VREF=0.8V
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR(Power-On-Reset) controlling VCNTL and VIN
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* Low Shutdown Quiescent Current (<30 uA)
* Shutdown/Enable Control Function
ORDERING INFORMATION
Ordering Number
Package
Packing
LXXLD32G-SH2-R
HSOP-8
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.


Similar Part No. - LXXLD32G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LXXLD32G-SH2-R

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
Fast Transient Response
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
Fast transient response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
Fast Transient Response
IRUH330125B IRF-IRUH330125B_15 Datasheet
168Kb / 9P
Fast Transient Response
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
Fast Transient Response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com