| Electronic Components Datasheet Search |
|
HT48R50A Datasheet(PDF) 42 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R50A Datasheet(HTML) 42 Page - Holtek Semiconductor Inc |
|
42 / 46 page ![]() SIZA [m] Increment data memory and place result in ACC, skip if 0 Description The contents of the specified data memory are incremented by 1. If the result is 0, the next instruction is skipped and the result is stored in the accumula- tor. The data memory remains unchanged. If the result is 0, the following in- struction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if ([m]+1)=0, ACC ¬ ([m]+1) Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SNZ [m].i Skip if bit "i" of the data memory is not 0 Description If bit "i" of the specified data memory is not 0, the next instruction is skipped. If bit "i" of the data memory is not 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is re- placed to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if [m].i¹0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SUB A,[m] Subtract data memory from the accumulator Description The specified data memory is subtracted from the contents of the accumula- tor, leaving the result in the accumulator. Operation ACC ¬ ACC+[m]+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ SUBM A,[m] Subtract data memory from the accumulator Description The specified data memory is subtracted from the contents of the accumula- tor, leaving the result in the data memory. Operation [m] ¬ ACC+[m]+1 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ÖÖÖÖ HT48R50A-1 Rev. 1.10 42 July 2, 2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |