Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7132LA55FGB8 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 7132LA55FGB8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7132LA55FGB8 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 7132LA55FGB8 Datasheet HTML 8Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 9Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 10Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 11Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 12Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 13Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 14Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 15Page - Integrated Device Technology 7132LA55FGB8 Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Datasheet Document History (cont'd)
06/11/04:
Page 6
Corrected errors in Figure 3 by changing 1250Ω to 270Ω and removing "or Int" and Int
Page 4, 7, 9,
ClarifiedIndustrialtempofferingfor25ns
11 & 15
Page 5
RemovedINTfromVOLparameterinDCElectricalCharacteristicstable
Page 6
Updated AC Test Conditions Input Rise/Fall Times from 5ns to 3ns
01/17/06:
Page 1
Addedgreenavailabilitytofeatures
Page 15
Addedgreenindicatortoorderinginformation
Page 16
Replaced IDT address with new
10/21/08:
Page 15
Removed "IDT" from orderable part number
09/20/10:
Page 14
Corrected BUSY description to indicate open drain outputs
10/03/14:
Page 2
Removed IDT in reference to fabrication
Page 15
Added Tape and Reel to Ordering Information
Page 2, 3 & 15
The package codes P48-1, C48-2, J52-1, L48-1 & F48-1 changed to P48, C48, J52,
L48 & F48 respectively to match standard package codes
Page 15
Add annotation (3) to 25ns speed grade to indicate that 25ns is not available in DIP
packages
10/08/14:
Page 15
Correctedatypo
11/20/15:
Page 15
Added (4)footnote annotation to the "P" package in the Ordering Information.
Added footnote 4, For “P”, Plastic DIP, when ordering green package, the suffix is “PDG”.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com