Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C4SMF-BJS-CS24Q3T2 Datasheet(PDF) 7 Page - Cree, Inc

Part # C4SMF-BJS-CS24Q3T2
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-BJS-CS24Q3T2 Datasheet(HTML) 7 Page - Cree, Inc

  C4SMF-BJS-CS24Q3T2 Datasheet HTML 1Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 2Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 3Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 4Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 5Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 6Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 7Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 8Page - Cree, Inc C4SMF-BJS-CS24Q3T2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com