Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWSCR-CV Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-CV
Description  3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-CV Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-CV Datasheet HTML 1Page - Abracon Corporation AWSCR-CV Datasheet HTML 2Page - Abracon Corporation AWSCR-CV Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.7 x 3.1mm Industrial Grade Built-in Capacitance Ceramic Resonator
AWSCR-CV
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.25.14
Visit www.abracon.com for Terms & Conditions of Sale
• Built-in load capacitors
• IR reflow capable
• Low resonant impedance
3.7 x 3.1 x 1.0mm
AWSCR-CV
AWSCR-CV
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
8.00
13.00
MHz
16.00
60.00
Resonant Impedance (Ro)
30
Ω
8.00 MHz – 13.00 MHz
60
13.01 MHz – 15.99 MHz
40
16.00 MHz – 20.00 MHz
40
20.01 MHz – 25.99 MHz
40
26.00 MHz – 60.00 MHz
Standard Built-in Capacitance (C1=C2)
22 – 20%
22
22 + 20%
pF
8.00 MHz – 13.00 MHz
22 – 20%
22
22 + 20%
13.01 MHz – 15.99 MHz
22 – 20%
22
22 + 20%
16.00 MHz – 20.00 MHz
10 – 20%
10
10 + 20%
20.01 MHz – 25.99 MHz
5 – 20%
5
5 + 20%
26.00 MHz – 60.00 MHz
Frequency Tolerance @25 ºC
-0.5
0.5
%
Frequency Stability @ -25ºC to +85ºC
-0.4
0.4
%
8.00 MHz – 13.00 MHz
-0.3
0.3
13.01 MHz – 60.00 MHz
Withstanding Voltage
50
V
DC , 1 min
Rating Voltage
(1) D.C.Voltage
6
V
(2) A.C. Voltage
15
Vp-p.
Insulation Resistance
100
MΩ
10V, 1min
Operation Temperature
-25
85
ºC
Storage Temperature
-55
85
ºC
Aging Rate (Fosc) (10 years)
-0.3
0.3
%
AWSCR – X.XXCV - C
-
Frequency
Frequency in MHz
Load Capacitance
Contact ABRACON
for Built-in
Capacitance options
Packaging
T: 1000pcs/Reel
• Remote controls, Microprocessor clocks, Mobile phones,
DVD & CD-Roms, Electric appliances
• Consumer electronics
RoHS/RoHS II compliant
Pb in ceramic, exemption (7c-I)
Moisture Sensitivity Level (MSL) – This product is not Moisture Sensitive - MSL = 1


Similar Part No. - AWSCR-CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-CELA ABRACON-AWSCR-CELA Datasheet
826Kb / 6P
Miniature Ceramic Resonator
04-17-19
AWSCR-CELB ABRACON-AWSCR-CELB Datasheet
744Kb / 6P
Miniature Ceramic Resonator
04-11-19
AWSCR-CP ABRACON-AWSCR-CP Datasheet
723Kb / 4P
3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
AWSCR-CPLA ABRACON-AWSCR-CPLA Datasheet
896Kb / 6P
Miniature Ceramic Resonator
07-30-2021
AWSCR-CPLB ABRACON-AWSCR-CPLB Datasheet
668Kb / 6P
Miniature Ceramic Resonator
04-19-19
More results

Similar Description - AWSCR-CV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR_CV ABRACON-AWSCR_CV Datasheet
1Mb / 3P
3.7 x 3.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.13.10
AWSCR-8.00CV-T ABRACON-AWSCR-8.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-10.00CV-T ABRACON-AWSCR-10.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-11.00CV-T ABRACON-AWSCR-11.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-16.93CV-T ABRACON-AWSCR-16.93CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-25.00CV-T ABRACON-AWSCR-25.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSCR-27.00CV-T ABRACON-AWSCR-27.00CV-T Datasheet
1Mb / 3P
3.7 x 3.1mm Industrial Grade Built-in Cap acitance Ceramic Resonator
04.25.14
AWSZT-16.93CV-T ABRACON-AWSZT-16.93CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-32.00CV-T ABRACON-AWSZT-32.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
AWSZT-50.00CV-T ABRACON-AWSZT-50.00CV-T Datasheet
962Kb / 3P
3.7 x 3.1 mm INDUSTRIAL GRADE CERAMIC RESONATOR
05.07.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com