Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LWM1052N2 Datasheet(PDF) 13 Page - LUXPIA

Part # LWM1052N2
Description  Soldering methods
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWM1052N2 Datasheet(HTML) 13 Page - LUXPIA

Back Button LWM1052N2 Datasheet HTML 9Page - LUXPIA LWM1052N2 Datasheet HTML 10Page - LUXPIA LWM1052N2 Datasheet HTML 11Page - LUXPIA LWM1052N2 Datasheet HTML 12Page - LUXPIA LWM1052N2 Datasheet HTML 13Page - LUXPIA LWM1052N2 Datasheet HTML 14Page - LUXPIA LWM1052N2 Datasheet HTML 15Page - LUXPIA LWM1052N2 Datasheet HTML 16Page - LUXPIA LWM1052N2 Datasheet HTML 17Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
12/16
(Ver 1.0)
• Printed Circuit Board Assembled (PCB with LEDs soldered)
Do not stack assembled PCBs together. Since silicone is a soft material abrasion between two PCB assembled
with encapsulate LED might cause catastrophic failure of the LEDs due to damage to encapsulant (such as
scratch, chip-out and delamination) and wire (such as deformation and breakage) and LED detachment.
(6) Soldering Conditions
• The LEDs can be soldered in place using the reflow soldering method. Luxpia does not make any
guarantee on the LEDs after they have been assembled using the dip soldering method.
• Recommended soldering conditions
Reflow Soldering
Reflow Soldering
Lead Solder
Lead-free Solder
Pre-Heat
Pre-Heat Time
Peak Temperature
Soldering Time
Condition
120~150℃
120sec Max.
240℃ Max.
10sec Max.
refer to profile ①
180~200℃
120sec Max.
260℃ Max.
10sec Max.
refer to profile ②
Temperature
Soldering Time
350℃ Max.
3sec Max.
(one time only)
* Although the recommended soldering conditions are specified in the above table, reflow soldering at the
lowest possible temperature is desirable for the LEDs.
* A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-Profile (surface of circuit board)]
Use the conditions shown to the following figures.
<① : Lead Solder>
<② : Lead-free Solder>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com