Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JGC-4F/12D1T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JGC-4F/12D1T
Description  SOLID STATE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JGC-4F/12D1T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JGC-4F/12D1T Datasheet HTML 1Page - List of Unclassifed Manufacturers JGC-4F/12D1T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•
DC input-AC output for 2A load at 25
•
600 Volt blocking voltage
•
Photo isolation
•
Built-in snubber
•
Zero cross or random turn-on
•
Printed circuit board mount
This SPST-NO printed circuit board mount SIP SSR provides AC output
switching in a high density package.The JGC-4F's DC input is compatible
with 5, 12 and 24V logic systems .All models include an internal
snubber.The relays provide 2000Vrms opto-isolation,between input and
output. Encapsulation,thermally conductive epoxy.
File No.: CH0032705-2002A
File No.: R2024431
File No.: E133481
Control voltage range
Must operate voltage
Terminal arrangement
ISO9001/QS9000/ISO14000 CERTIFIED
176
Zero-crossover voltage
Ambient
temperature
HONGFA RELAY
Pulse width
Input signal
Input signal turn off
Minimum 200µs
4(-)
0
AC line
180
1
2
3(+)
load
1.
2.
3.
4.
5.
6.
7.
Soldering must be completed within 10 seconds at 260
or less
or within 5 seconds at 350
or less.
The SSR case serves to dissipate heat. Install the relays so that they
are adequately ventilated. If poor ventilation is unavoidable, reduce the
load current by half.
The input circuitry does not incorporate a circuit protecting the SSR
from being damaged due to a reversed connection. Make sure that the
polarity is correct when connecting the input lines.
When using the JGC-4F series for an AC load with a peak voltage of
more than 450V,connect the load terminals of the relay to an inrush
absorber(varistor). The recommended varistor voltage, 440 to 470V.
The load terminals are internally connected to a snubber circuit that
absorb noise. However, if wiring from these terminals is laid with or
placed in the same duct as high-voltage or power
lines, noise may
be induced, causing the SSR to operate irregularly or malfunction.
When using the JGC-4F series in phase control applications, at a
phase control angle close to 180 degrees the relay's input signal turn
off at the trailing edge of the AC sine wave must be limited to end
200µs before AC zero cross. This assures
that the relay has time
to switch off. Shorter times may cause loss of control at
the following
half cycle.
JGC-4F
DESCRIPTION
2000VAC min., 50/60Hz 1min.
1000M
, min. (at 500VDC)
5pF
10 to 55HZ Double amplitude 1.5mm
1000m/s2
-30
to +80
-30
to +100
45% to 85%
6g
PRECAUTIONS
4 to 6VDC
9.6 to 14.4VDC
19.2 to 28.8VDC
4VDC
max.
9.6VDC
max.
19.2VDC
max.
1.0VDC
min.
10mA
INPUT (TA = 25•C)
05D
12D
24D
05D
12D
24D
75 to 264VAC
0.1 to 2A
25Apk
1.5mA
1.5VAC
10ms
1ms
10ms
600Vpk max.
100V/µs min.
15V max.
0.5
SOLID STATE RELAY
Must release voltage
Max. input current
OUTPUT
Load voltage range (@47 to 63Hz)
Load current range
Max. surge current (10ms)
Max. leakage current
Max. on-state voltage drop
Zero cross turn-on
Random turn-on
Max. turn-off time
Transient overvoltage
Min. off-state dv/dt
Min. power factor
Max. turn-on time
GENERAL
Dielectric strength ( input to output )
Insulation resistance
Max. Capacitance ( input to output )
Vibration durability
Shock durability
Operating
Storage
Ambient Humidity
Unit weight


Similar Part No. - JGC-4F/12D1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JGC-5F ETC1-JGC-5F Datasheet
80Kb / 2P
AC250V 3Amp
JGC-5F05D0T ETC1-JGC-5F05D0T Datasheet
80Kb / 2P
AC250V 3Amp
JGC-5F05D1T ETC1-JGC-5F05D1T Datasheet
80Kb / 2P
AC250V 3Amp
JGC-5F12D0T ETC1-JGC-5F12D0T Datasheet
80Kb / 2P
AC250V 3Amp
JGC-5F12D1T ETC1-JGC-5F12D1T Datasheet
80Kb / 2P
AC250V 3Amp
More results

Similar Description - JGC-4F/12D1T

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com