Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE19-90/12-D-T-2-1-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE19-90/12-D-T-2-1-R
Description  90A Latching relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE19-90/12-D-T-2-1-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE19-90/12-D-T-2-1-R Datasheet HTML 1Page - Hongfa Technology HFE19-90/12-D-T-2-1-R Datasheet HTML 2Page - Hongfa Technology HFE19-90/12-D-T-2-1-R Datasheet HTML 3Page - Hongfa Technology HFE19-90/12-D-T-2-1-R Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
=@
;PTIS/ 81 K g_[hm nb[n l_f[s cm ih nb_ ,l_m_n, mn[nom qb_h ^_fcp_lsB G g_[hm nb[n l_f[s cm ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5L` hi mj_c][f l_kocl_^
\s ]omnig_l3 q_ qcff e__j nb_ l_f[s ih nb_ ,m_n, mn[nom qb_h ^_fcp_ls5
,/ Gcmn[h]_ <ggB Oi \iqf_a
-/ Gcmn[h]_ <ggB M4\iqf_a
91 VF8A N__n nb_ VF8 l_kocl_g_hnm ih LHF=97<<4:8BS_f[sm [l_ [\f_ ni j[mm nb_ :7Lg[r mbiln ]cl]ocn5
:1 X_ ][h g[e_ mj_]c[f ^_mcah []]il^cha ni ]omnig_l/m l_kocl_g_hn3Qf_[m_ m__ nb_ nsjc][f ^_mcah5
:?
859
85<
:?
87 758
859
85<
87 758
;1 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Kiha`[5 _5a5 0;<@1A Ficf jchm qcnb l_p_lm_
_^o]ncih q[sB _5a5 0;;<1A VF83 F[llscha 9;77D j_[e ]oll_hn087gm1 [h^ ]ihn[]n qih/n q_f^_^5
3/ 8 Iilg E
7/ 8 Iilg D
81
75=; w 75=;
75=; w 75=;
?QIGLFM GPHI91 ;1
@/ DaThP9
2POTFGT RFTLOK
KIH8@ 4@76 89
G
9
.*/ @7D
U
0YYY1
2PLM FOKMI JPRN
+/ Tchaf_ ]icf f[n]bcha
,/ Gio\f_ ]icfm f[n]bcha
M4\iqf_a
Oi \iqf_a
4S
8
<>34>8;6 8;5<>:0@8<;
@WQI
2PLM VPMTFKI
2POTFGT JPRN
2POTFGT NFTIRLFM
=PMFRLTW
>/ O_a[ncp_ jif[lcns
;LM/ Qimcncp_ jif[lcns
?PRT
Ponfch_ Gcg_hmcihm
<A@98;4 38:4;?8<;?} C8>8;6 3806>0: 0;3 =2 1<0>3 90E<A@
VhcnA gg
<3 =3 @3 893 9;3 ;?WGF
DDD/ Fomnig_l mj_]c[f l_kocl_g_hn
;LM/ Tn[h^[l^0T__ _f_]nlc][f _h^ol[h]_1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com