Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALC40DF271DF500 Datasheet(PDF) 12 Page - Kemet Corporation

Part # ALC40DF271DF500
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DF271DF500 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button ALC40DF271DF500 Datasheet HTML 7Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 8Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 9Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 10Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 11Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 12Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 13Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 14Page - Kemet Corporation ALC40DF271DF500 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Mechanical Data
Polarity and Reversed Voltage
Aluminium Electrolytic capacitors manufactured for use in DC applications contain an anode foil and a cathode foil. As such,
they are polarized devices and must be connected with the +ve to the anode foil and the -ve to the cathode foil. If this were
to be reversed then the electrolytic process that took place in forming the oxide layer on the anode would be recreated in
trying to form an oxide layer on the cathode. In forming the cathode foil in this way, heat would be generated and gas given
off within the capacitor, usually leading to catastrophic failure.
The cathode foil already possesses a thin stabilized oxide layer. This thin oxide layer is equivalent to a forming voltage
of approximately 2 V. As a result, the capacitor can withstand a voltage reversal of up to 2 V for short periods. Above this
voltage, the formation process will commence. Aluminium Electrolytic capacitors can also be manufactured for use in
intermittent AC applications by using two anode foils in place of one anode and one cathode.
Mounting Position
The capacitor can be mounted upright or inclined to a horizontal position.
Insulating Resistance
≥ 100 MΩ at 100 VDC across insulating sleeve. UL recognized sleeving is available for custom parts in this range, upon
request.
(UL No. E358957)
Voltage Proof
≥ 2,500 VDC across insulating sleeve.
Safety Vent
A safety vent for overpressure is featured on either the base (opposing end to the terminals) or the side of the can. This
appears in the form of a grooved section on the surface of the can, which is a weakened area and designed to relieve build-
up of internal pressure due to overstress or catastrophic failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com