Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVD30 Datasheet(PDF) 2 Page - TT Electronics.

Part # HVD30
Description  Non-inductive design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVD30 Datasheet(HTML) 2 Page - TT Electronics.

  HVD30 Datasheet HTML 1Page - TT Electronics. HVD30 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage Divider Resistors
HVD Series
ApplicationNotes
Duetothehighvoltage,whichcanappearbetweentheterminationsandanyadjacentmetalpart,resistorsshouldbemountedatanadequatedistance
fromotherconductors.
Forsomeultra-highvoltageapplicationsitisrequiredtoimmersethecomponentsinoilorSF6gasorpottheminvoid-freesiliconecompoundtoreduce
coronaorsurfacetracking.Theprintedprotectionissuitablefortheseapplications.
ThedividerconsistsofhighvalueR
1andlowvalueR2.ThevoltagedivisionratioofthedividerisgivenbyRatio=R2:(R1+R2)
PerformanceData
Maximum
Typical
Loadatratedpower:1000hoursat70°C
ΔR%
<100M:0.25,≥100M:0.5
0.1
Overload:1.5xratedpowernotexceedingLEVfor5seconds
ΔR%
0.25
0.1
Moistureresistance:MILStd.202,method106
ΔR%
0.25
0.1
Temperaturerapidchange:5cycles-55/155°C
ΔR%
0.25
0.1
Type
TypicalVCR(ppm/V)
HVD08
-0.50
HVD12
-0.35
HVD15
-0.25
HVD20
-0.20
HVD30
-0.15
OrderingProcedure
Example:HVD15foravoltageratioof1:1000,withR1=99.9megohmsandR2=100kilohms(totalR
1+R2=100megohms)at50ppm/°Cabsoluteand
25ppm/°CtrackingTCR,1%absoluteand0.5%ratiotolerance.
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
© TT electronics plc
8.13
Performance Data
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆
R%
0.25 <100M: 0.5 >100M
0.1
Overload: 1.5 x rated power not exceeding LEV for 5 seconds
∆
R%
0.25
0.1
Moisture resistance: MIL Std. 202, method 106
∆
R%
0.25
0.1
Temperature rapid change: 5cycles -55 / 155°C
∆
R%
0.25
0.1
Type
Typical VCR (ppm/V)
HVD08
-0.50
HVD12
-0.35
HVD15
-0.25
HVD20
-0.20
HVD30
-0.15
Application Notes
Due to the high voltage, which can appear between the terminations and any adjacent metal part, resistors should be mounted at an
adequate distance from other conductors.
For some ultra-high voltage applications it is required to immerse the components in oil or SF6 gas or pot them in void-free silicone
compound to reduce corona or surface tracking. The printed protection is suitable for these applications.
The divider consists of high value R1 and low value R2. The voltage division ratio of the divider is given by Ratio = R2 / (R1 + R2).
Ordering Procedure
Example: HVD15 for a voltage ratio of 1:1000, with R1 = 99.9 megohms and R2 = 100 kilohms (total R1 + R2 = 100 megohms) at
50ppm/°C absolute and 25ppm/°C tracking TCR, 1% absolute and 0.5% ratio tolerance.
H
1
5 C D
-
1
0
0 M
/
1
0
0
K F D
1
2
3
4
5
6
1
2
3
4
5
6
Type
Size TCR (Absolute and Tracking) Value (R1 + R2)
Value (R2)
Tolerance (Absolute and Ratio)
H = HVD
08
ZC
100ppm absolute and
50ppm tracking
K = kilohms, M = megohms, G = gigohms JF
5% absolute and 1% ratio
12
ZD
100ppm absolute and
25ppm tracking
FD
1% absolute and 0.5% ratio
15
CD
50ppm absolute and
25ppm tracking
FC
1% absolute and 0.25% ratio
20
30
Schematic Diagram
High Voltage Divider Resistors
HVD Series
SchematicDiagram
Make Possible
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com