Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPP-2 Datasheet(PDF) 1 Page - TT Electronics.

Part # SPP-2
Description  Lower ranges available - contact factory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SPP-2 Datasheet(HTML) 1 Page - TT Electronics.

  SPP-2 Datasheet HTML 1Page - TT Electronics. SPP-2 Datasheet HTML 2Page - TT Electronics. SPP-2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fibre Core Conformal
Coated Wirewound Resistor
SPP Series
UL1412 recognised fusing *
Coated or uncoated units
PositivehighTC’suponrequest
Colorbandstandardidentification
Lowerrangesavailable-contactfactory
Weldableandsolderablemagneticleads
*ULfilenumberE234469
Resistors
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Fibre Core Conformal
Coated Wirewound Resistor
SPP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
· UL1412 recognised fusing *
· Coated or uncoated units
· Positive high TC’s upon request
· Color band standard identification
· Lower ranges available - contact factory
· Weldable and solderable magnetic leads
* UL file number E234469
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Alloy resistance
wirewound on
fiberglass core
Mechanically crimped
termination assembly
EIA/MIL color code:
first wide band indicates
wirewound construction,
blue indicator indicates
flameproof
SPP Series
• Coated or uncoated units
• Positive high TC’s upon request
• Color band standard identification
• Lower ranges available - contact factory
• Weldable and solderable magnetic leads
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Notes:
Unless specified otherwise, standard test centers are 1 ¾ inches.
Electrical Data
IRC Type
SPP-1
SPP-2
SPP-3
Resistance - Std.
UL Recognised Range
0.1
Ω to 1200
1
to 470
1
to 470
Ω
0.1
Ω to 2400Ω
0.1
Ω to 2400Ω
Tolerance - Std.
±5% (E24), ±10% (E12)
Power Rating
1 watt @ 85°C
3/4 watt @ 105°C
1/2 watt @ 125°C
Derating to 0 @ 160°C
2 watt @ 85°C
1 watt @ 140°C
---
---
3 watt @ 85°C
2 watt @ 145°C
1 watt @ 190°C
---
---
Load Life Stability
1 watt @ 85°C ± 10%
2 watt @ 85°C ± 10%
3 watt @ 85°C ± 10%
Max. Continuous
Working Voltage
√PR
√PR
√PR
Min. Insulation
Resistance
10,000 Meg
100 Meg
10,000 Meg
100 Meg
10,000 Meg
100 Meg
Min. Dielectric
Withstanding Volts
(RMS)
600V
600V
600V
Current Noise
Negligible
Negligible
Negligible
Temperature Rise at
Rated Load, 25°C Ambient
Approx. 150°C
Approx. 200°C
Approx. 225°C
Temperature Coefficient
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
Dry
Wet
SPP Series Issue December 2008 Sheet 1 of 3
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Alloy resistance
wirewound on
fiberglass core
Mechanically crimped
termination assembly
EIA/MIL color code:
first wide band indicates
wirewound construction,
blue indicator indicates
flameproof
SPP Series
• Coated or uncoated units
• Positive high TC’s upon request
• Color band standard identification
• Lower ranges available - contact factory
• Weldable and solderable magnetic leads
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Notes:
Unless specified otherwise, standard test centers are 1 ¾ inches.
Electrical Data
IRC Type
SPP-1
SPP-2
SPP-3
Resistance - Std.
UL Recognised Range
0.1
Ω to 1200
1
to 470
1
to 470
Ω
0.1
Ω to 2400Ω
0.1
Ω to 2400Ω
Tolerance - Std.
±5% (E24), ±10% (E12)
Power Rating
1 watt @ 85°C
3/4 watt @ 105°C
1/2 watt @ 125°C
Derating to 0 @ 160°C
2 watt @ 85°C
1 watt @ 140°C
---
---
3 watt @ 85°C
2 watt @ 145°C
1 watt @ 190°C
---
---
Load Life Stability
1 watt @ 85°C ± 10%
2 watt @ 85°C ± 10%
3 watt @ 85°C ± 10%
Max. Continuous
Working Voltage
√PR
√PR
√PR
Min. Insulation
Resistance
10,000 Meg
100 Meg
10,000 Meg
100 Meg
10,000 Meg
100 Meg
Min. Dielectric
Withstanding Volts
(RMS)
600V
600V
600V
Current Noise
Negligible
Negligible
Negligible
Temperature Rise at
Rated Load, 25°C Ambient
Approx. 150°C
Approx. 200°C
Approx. 225°C
Temperature Coefficient
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
Dry
Wet
SPP Series Issue December 2008 Sheet 1 of 3


Similar Part No. - SPP-2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP-2 WELWYN-SPP-2 Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
logo
TT Electronics.
SPP-2 TTELEC-SPP-2 Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP-2 TTELEC-SPP-2 Datasheet
510Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
KITAGAWA GmbH
SPP-24L KGS-SPP-24L Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Infinite Electronics In...
SPP-250-LLPL-BULK FAIRVIEW-SPP-250-LLPL-BULK Datasheet
565Kb / 3P
SPP-250-LLPL Low Loss Corrugated Coax Cable Blue FEP Jacket Superflexible
REV 1.0A
More results

Similar Description - SPP-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM-12D ETC1-FM-12D Datasheet
186Kb / 1P
High output, Two Voltage ranges available, Continuous ans pulsing tones
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
Not for New Designs: Contact the factory for lead times (part is still available for purchase).
SNAP-PAC-RCK4 ETC2-SNAP-PAC-RCK4 Datasheet
463Kb / 7P
Factory Mutual-approved versions available
logo
Xilinx, Inc
XCR22LV10 XILINX-XCR22LV10 Datasheet
209Kb / 14P
Available in commercial and industrial operating ranges
logo
Ningbo Tianbo Ganglian ...
TRA3 TIANBO-TRA3 Datasheet
1Mb / 3P
au-clad contact available
TRA3H TIANBO-TRA3H Datasheet
1Mb / 3P
au-clad contact available
logo
Mallory Sonalert Produc...
PB-32N10W-12K MSPI-PB-32N10W-12K Datasheet
197Kb / 1P
For other options contact factory
PMO-4015PN-42KDQ MSPI-PMO-4015PN-42KDQ Datasheet
99Kb / 1P
For other options contact factory
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
8893CRCNG7D65 Factory Factory Factory Factory adjust manual
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com