Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-24C01A Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 15Page - Seiko Instruments Inc S-24C01A Datasheet HTML 16Page - Seiko Instruments Inc S-24C01A Datasheet HTML 17Page - Seiko Instruments Inc S-24C01A Datasheet HTML 18Page - Seiko Instruments Inc S-24C01A Datasheet HTML 19Page - Seiko Instruments Inc S-24C01A Datasheet HTML 20Page - Seiko Instruments Inc S-24C01A Datasheet HTML 21Page - Seiko Instruments Inc S-24C01A Datasheet HTML 22Page - Seiko Instruments Inc S-24C01A Datasheet HTML 23Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
DP008-A
011129
14
8
5
0.5±0.1
2.54
1.0
1.5
0°~15°
0.3 +0.1
-0.05
7.62
9.3(9.6max)
No.:DP008-A-P-SD-1.0
n 8-Pin DIP
Unit:mm
lDimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com