| Electronic Components Datasheet Search |
|
CS2000CP-CZZ Datasheet(PDF) 23 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2000CP-CZZ Datasheet(HTML) 23 Page - Cirrus Logic |
|
23 / 37 page ![]() CS2000-CP DS761F3 23 5.4 PLL Clock Output The PLL clock output pin (CLK_OUT) provides a buffered version of the output of the frequency synthesizer. The driver can be set to high-impedance with the ClkOutDis bit. The output from the PLL automatically drives a static low condition while the PLL is un-locked (when the clock may be unreliable). This feature can be disabled by setting the ClkOutUnl bit, however the state CLK_OUT may then be unreliable during an unlock condition. Figure 19. PLL Clock Output Options 5.5 Auxiliary Output The auxiliary output pin (AUX_OUT) can be mapped, as shown in Figure 20, to one of four signals: refer- ence clock (RefClk), input clock (CLK_IN), additional PLL clock output (CLK_OUT), or a PLL lock indicator (Lock). The mux is controlled via the AuxOutSrc[1:0] bits. If AUX_OUT is set to Lock, the AuxLockCfg bit is then used to control the output driver type and polarity of the LOCK signal (see section 8.7.2 on page 32). In order to indicate an unlock condition, REF_CLK must be present. If AUX_OUT is set to CLK_OUT the phase of the PLL Clock Output signal on AUX_OUT may differ from the CLK_OUT pin. The driver for the pin can be set to high-impedance using the AuxOutDis bit. Figure 20. Auxiliary Output Selection Referenced Control Register Location ClkOutUnl..............................“Enable PLL Clock Output on Unlock (ClkOutUnl)” on page 32 ClkOutDis ..............................“PLL Clock Output Disable (ClkOutDis)” on page 29 Referenced Control Register Location AuxOutSrc[1:0]......................“Auxiliary Output Source Selection (AuxOutSrc[1:0])” on page 29 AuxOutDis .............................“Auxiliary Output Disable (AuxOutDis)” on page 28 AuxLockCfg...........................“AUX PLL Lock Output Configuration (AuxLockCfg)” section on page 32 PLL Locked/Unlocked PLL Output 2:1 Mux ClkOutDis 2:1 Mux ClkOutUnl 0 PLL Clock Output Pin (CLK_OUT) 0 1 0 1 PLL Clock Output PLLClkOut Frequency Reference Clock (CLK_IN) PLL Lock/Unlock Indication (Lock) Timing Reference Clock (RefClk) PLL Clock Output (PLLClkOut) 4:1 Mux Auxiliary Output Pin (AUX_OUT) AuxOutDis AuxOutSrc[1:0] AuxLockCfg |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |