Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP102
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP102 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP102 Datasheet HTML 1Page - ON Semiconductor TIP102 Datasheet HTML 2Page - ON Semiconductor TIP102 Datasheet HTML 3Page - ON Semiconductor TIP102 Datasheet HTML 4Page - ON Semiconductor TIP102 Datasheet HTML 5Page - ON Semiconductor TIP102 Datasheet HTML 6Page - ON Semiconductor TIP102 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP100, TIP101, TIP102 (NPN); TIP105, TIP106, TIP107 (PNP)
www.onsemi.com
4
Figure 3. Switching Times Test Circuit
5.0
0.1
Figure 4. Switching Times
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.05
0.2
0.3
0.5 0.7 1.0
2.0
3.0
10
0.3
0.7
PNP
NPN
tf
tr
ts
td @ VBE(off) = 0 V
V2
approx
+8.0 V
V1
approx
-12 V
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
25
ms
0
RB
51
D1
+4.0 V
VCC
-30 V
RC
TUT
≈ 8.0 k ≈ 120
SCOPE
for td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit reverse all polarities.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
3.0
0.2
0.1
0.07
5.0 7.0
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZqJC(t) = r(t) RqJC
RqJC = 1.56°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
20
1.0
Figure 6. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
5.0
2.0
1.0
0.02
2.0
5.0
20
50
100
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
0.5
TJ = 150°C
d­
c
1ms
100
ms
0.2
0.1
10
TIP100, TIP105
TIP101, TIP106
TIP102, TIP107
0.05
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
5ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
< 150
°C. TJ(pk) may be calculated from the data in Figure 5.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com