Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SCR562F3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR562F3
Description  NPN 6A 30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 Datasheet(HTML) 1 Page - Rohm

  2SCR562F3 Datasheet HTML 1Page - Rohm 2SCR562F3 Datasheet HTML 2Page - Rohm 2SCR562F3 Datasheet HTML 3Page - Rohm 2SCR562F3 Datasheet HTML 4Page - Rohm 2SCR562F3 Datasheet HTML 5Page - Rohm 2SCR562F3 Datasheet HTML 6Page - Rohm 2SCR562F3 Datasheet HTML 7Page - Rohm 2SCR562F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
2SCR562F3
NPN 6A 30V Middle Power Transistor
lOutline
HUML2020L3
lFeatures
1) Suitable for Middle Power Driver
2) Low VCE(sat)
VCE(sat)= 180mV(Max.) (IC/IB=3A/60mA)
3) High collector current
IC = 6A (max) , ICP = 7A (max)
4) Leadless small SMD package "HUML2020L3"
Excellent thermal and electrical conductivity
5) Lead Free/RoHS Compliant.
lInner circuit
lApplications
Load switch, Battery-driven devices, Power management
Charging circuits, Power switches (e.g. motors, fans)
lPackaging specifications
Reel size
(mm)
Parameter
Value
VCEO
30V
IC
6A
Package
Package
size
(mm)
Taping
code
NT
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
2SCR562F3
HUML2020L3
2020
TR
180
8
3,000
Part No.
2SCR562F3
Base
Emitter
Collector
Base
Emitter
Collector
Emitter
Base
Collector
1/6
2013.05 - Rev.A


Similar Part No. - 2SCR562F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results

Similar Description - 2SCR562F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
Pch -30V -6A Middle Power MOSFET
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
Nch 30V 6A Middle Power MOSFET
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
PNP -6A -30V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
NPN 2.0A 30V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com