Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFT59 Datasheet(PDF) 1 Page - Seme LAB

Part # BFT59
Description  Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFT59 Datasheet(HTML) 1 Page - Seme LAB

  BFT59 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFT59
Bipolar NPN Device.
V
CEO =
300V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
300
V
I
C(CONT)
0.2
A
h
FE
@ 10/30m (V
CE / IC)
25
-
f
t
110M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar NPN Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - BFT59

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFT59CSM SEME-LAB-BFT59CSM Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed LCC1
BFT59DCSM SEME-LAB-BFT59DCSM Datasheet
15Kb / 1P
Dual Bipolar NPN Devices in a hermetically sealed
More results

Similar Description - BFT59

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N2895 SEME-LAB-SF_2N2895 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_BFY76 SEME-LAB-SF_BFY76 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_CV10440 SEME-LAB-SF_CV10440 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_BFT30 SEME-LAB-SF_BFT30 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
SF_BSS78 SEME-LAB-SF_BSS78 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
BCY59C SEME-LAB-BCY59C Datasheet
10Kb / 1P
Bipolar NPN Device in A Hermetically sealed TO18 Metal Package
SF_BFT53 SEME-LAB-SF_BFT53 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_ZT84 SEME-LAB-SF_ZT84 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
2N2221 SEME-LAB-2N2221 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
2N2221A SEME-LAB-2N2221A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com