Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N232X Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # 2N232X
Description  Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N232X Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  2N232X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N232X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N232X Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N232X Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Controlled Rectifier
Rev. V2
2N232x Series
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011466
3
Outline Drawing (TO-5 & TO-39)
LTR
Dimensions
Note
Inches
Millimeters
MIN
MAX
MIN
MAX
CD
0.305
0.335
7.75
8.51
—
CH
0.240
0.260
6.10
6.60
—
HD
0.335
0.370
8.51
9.40
—
LC
0.200 TP
5.08 TP
7
LD
0.016
0.021
0.041
0.053
8, 9
LL
8,11,14
LU
0.016
0.019
0.041
0.048
8, 9
L1
—
0.050
—
1.27
8, 9
L2
0.250
—
6.35
—
8, 9
P
0.100
—
2.54
—
7
Q
—
0.050
—
1.27
5
TL
0.029
0.045
0.74
1.14
—
TW
0.028
0.034
0.71
0.86
—
r
—
0.010
—
0.25
10
45° TP
45° TP
7
1, 2, 10, 12, 13, 14
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4. Dimension TL measured from maximum HD.
5. Body contour optional within zone defined by HD, CD, and Q.
6. CD shall not vary more than 0.010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
7. Leads at gauge plane 0.054 +0.001 –0.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within 0.007 inch (0.18 mm) radius of
true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by direct methods or by
gauging procedure.
8. Dimension LU applies between L, and L,. Dimension LD applies between L, and LL minimum. Diameter is uncontrolled in and beyond LL
minimum.
9. All three leads.
10. The collector shall be internally connected to the case.
11. Dimension r (radius) applies to both inside corners of tab.
12. In accordance with ASME Y14.5M, diameters are equivalent to Фx symbology.
13. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
14. For non-S-suffix devices (T0-5), dimension LL = 1.5 inches (38.10 mm) min. and 1.75 inches (44.45 mm) max. For S-suffix types (T0-39),
dimension LL = 0.5 inch (12.70 mm) min. and 750 inch (19.05 mm) max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com