Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6193 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6193
Description  PNP Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6193 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N6193 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6193 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6193 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6193 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP Power Silicon Transistor
Rev. V1
2N6193
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013425
1
Features
 JAN, JANTX, JANTXV, JANS, and JANSR 100K
rads (si) per MIL-PRF-19500/561
 TO-39 (TO-205AD) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 50 mAdc
V(BR)CEO Vdc
100
Collector - Emitter Cutoff Current
VCE = 100 Vdc
VCE = 90 Vdc, VBE = 1.5 Vdc
ICEO
ICEX
µAdc
100
10
Collector - Base Cutoff Current
VCB = 100 Vdc
ICBO
µAdc
10
Emitter - Base Cutoff Current
VEB = 6.0 Vdc
IEBO
µAdc
100
On Characteristics1
Forward Current Transfer Ratio
IC = 0.5 Adc, VCE = 2.0 Vdc
IC = 2.0 Adc, VCE = 2.0 Vdc
IC = 5.0 Adc, VCE = 2.0 Vdc
HFE
-
60
60
40
240
Collector - Emitter Saturation Voltage
IC = 2.0 Adc, IB = 0.2 Adc
IC = 5.0 Adc, IB = 0.5 Adc
VCE(SAT) Vdc
0.7
1.2
Emitter - Base Saturation Voltage
IC = 2.0 Adc, IB = 0.2 Adc
IC = 5.0 Adc, IB = 0.5 Adc
VBE(SAT) Vdc
1.2
1.8
Dynamic Characteristics
Magnitude of Common Emitter Small-Signal
Short-Circuit Forward Current Transfer Ratio
IC = 0.5 Adc, VCE = 10.0 Vdc, f = 10 mHz | HFE |
-
3
15
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz COBO
pF
300
Input Capacitance
VBE = 2 Vdc, IC = 0, 100 kHz ≤ f ≤ 1 MHz
CIBO
pF
1250
Switching Characteristics
Delay Time
VCC = -40 Vdc; VBE(OFF) = 2.3 Vdc
TD
ns
100
Rise Time
IC = 2.0 Adc, IB1 = 0.2 Adc
TR
ns
100
Storage Time
VCC = -40 Vdc; IC = 2.0 Adc
TS
µs
2.0
Fall Time
IB1 = -IB2 = 0.2 Adc
TF
ns
200
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t ≥ 0.5 s
Test 1:
VCE = 2 Vdc, IC = 5 Adc
Test 2:
VCE = 90 Vdc, IC = 55 mAdc
1. Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤2.0%.


Similar Part No. - 2N6193

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N6193 SEMICOA-2N6193 Datasheet
31Kb / 1P
Chip Type 2C6193 Geometry 9700 Polarity PNP
2N6193 SEMICOA-2N6193 Datasheet
46Kb / 2P
Type 2N6193 Geometry 9700 Polarity PNP
logo
Central Semiconductor C...
2N6193 CENTRAL-2N6193 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Solid States Devices, I...
2N6193 SSDI-2N6193 Datasheet
286Kb / 6P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
More results

Similar Description - 2N6193

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com