Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74AHC1G132G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G132G-AE5-R
Description  Operation voltage range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G132G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G132G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G132G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G132G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G132G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G132G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G132
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R1126-029.A
SINGLE 2-INPUT NAND GATE
WITH SCHMITT-TRIGGER
INPUTS
DESCRIPTION
The U74AHC1G132 contains one 2-input NAND gate with
Schmitt-trigger inputs designed for 2V to 5.5V VCC operation and
performs the Boolean function Y= A B
‧
or Y= A + B in
positive logic.
Because of Schmitt action, this device has different input
threshold levels for positive-going (VT+) and negative-going (VT-)
signals.
This device can be triggered from the slowest of input ramps
and still give clean jitter-free output signals.
FEATURES
* Operation voltage range: 2 ~ 5.5V
* Max tPd of 7.7 ns at 5 V
* Low static power consumption; ICC=2μA (Max.)
* ±8mA output drive at 5 V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC1G132G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G132G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G132G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
U74AHC1G125G-AE5-R UTC-U74AHC1G125G-AE5-R Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G125G-AF5-R UTC-U74AHC1G125G-AF5-R Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
U74AHC1G125G-AF5-R UTC-U74AHC1G125G-AF5-R Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G125G-AL5-R UTC-U74AHC1G125G-AL5-R Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Similar Description - U74AHC1G132G-AE5-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
Dual voltage range operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
Dual Voltage Range Operation
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
Watchdog operation voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com