Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTLP166JTLD Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KTLP166JTLD
Description  4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP166JTLD Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KTLP166JTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP166JTLD Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Cosmo Electronics Corp.
Document No. 69P44003.2
- 4 -
http://www.cosmo-ic.com
cosmo
KTLP166J Series
4PIN MINI-FLAT ZERO-CROSS
TRIAC DRIVER PHOTOCOUPLER
Fig.1 Forward Current
Fig.2 Diode Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
1 0
2 0
3 0
4 0
5 0
6 0
0
-40
-20
0
20
40
6 0
8 0
1 00 11 5
2 0
4 0
6 0
8 0
10 0
12 0
7 0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 On-state R.M.S. Current
Fig.4 Total Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-40
-20
0
2 0
40
60
80
100 11 5
20
40
60
80
1 00
1 20
70
0
-40
-20
0
20
40
60
80
100 115
50
100
150
200
250
300
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 Peak Forward Current
Fig.6
Forward Current
vs. Duty Ratio
vs. Forward Voltage
10
10
100
1000
10000
1
-3
10
-2
10
-1
Pulse w idth <= 100us
Ta=25°C
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
0
5
2
50
20
500
200
Ta=75°C
50°C
25°C
0°C
-25°C
Duty Ratio
Forward Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com