Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTLP3503HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KTLP3503HTL
Description  8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3503HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KTLP3503HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP3503HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P46001.2
- 4 -
http://www.cosmo-ic.com
cosmo
KTLP3503 Series
8PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
Fig.1 Forward Current e
Fig.2 On-State R.M.S. Current
vs. Ambient Temperature
vs. Ambient Temperature
0
-40
-20
0
20
40
60
80
100 115
10
20
30
40
50
60
0
-40
-20
0
20
40
60
80
100 115
0.1
0.2
0.3
0.4
0.5
0.6
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Peak Forward Current
Fig.4 Forward Current
vs. Duty Ratio
vs. Forward Voltage
10
10
100
1000
10000
1
-3
10
-2
10
-1
Pulse w idth <= 100us
Ta=25°C
1
1 0
1 0 0
1 0 0 0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
0
5
2
5 0
2 0
5 0 0
2 0 0
T a = 7 5 °C
5 0 °C
2 5 °C
0 °C
-2 5 °C
Duty Ratio
Forward Voltage (V)
Fig.5 Trigger Current
Fig.6 Inhibited Voltage
vs. Ambient Temperature
vs. Ambient Temperature
-40
-20
0
20
40
60
80
100 115
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
N orm alized to Ta=25°C
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
0 .6
0 .7
0 .8
0 .9
1 .0
1 .1
1 .2
1 .3
1 .4
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com